Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA1067 Datasheet(PDF) 2 Page - MTRONPTI

Part # PA1067
Description  Solid State High Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

PA1067 Datasheet(HTML) 2 Page - MTRONPTI

  PA1067 Datasheet HTML 1Page - MTRONPTI PA1067 Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PA1067
Data Sheet
Copyright © 2015 MtronPTI. All rights reserved.
Rev. 20150317 | Page 2 of 2
2525 Shader Road, Orlando FL 32804
Mtronpti.com 407-298-2000
Electrical Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Units
Comment
PASSBAND
Operating Frequency Range
FCARRIER
0.25
1000
MHz
Power Output
POUT_MIN
10
Watts
CW
Small Signal Gain
ARF_MIN
40
dB
Power Gain Flatness
4.0
dBP-P
ARF_MAX – ARF_MIN
Input Return Loss
RLIN
10
dB
Within the FSIG bandwidth into 50
2-tone Intermodulation (IMD)
-30
dBc
30 dBm/tone,
= 1 MHz
Harmonics
-20
dBc
At rated POUT
Non Harmonic Spurious
-60
dBc
Power
Operating Voltage
VDD
28
30
VDC
Current Consumption
IDD
2
A
Max Input Power
PIN_MIN
+10
dBm
Without damage
Load VSWR Protection
∞ : 1
Environmental & Physical
Parameter
Symbol
Min.
Typ.
Max.
Units
Comment
Operating Case Temperature
TOC
-20
+75
°C
Storage Temperature
TSTR
-40
+85
°C
Relative Humidity
5
95
%
Non-condensing
Dimensions
125 x 63 x 27
mm
Excluding connectors
Weight
300
gr.
RF Connectors IN / OUT
SMA female
DC Power / Interface Connector
9-pin Hybrid D-Sub
Cooling
External Heat Sink
Forced air required
D-Sub Connector Pin Assignments
1
FWD
N/A
2
VVA
Option 103 – Analog Gain Control
3
Current Sensor
ID @ 50 mV / 100 mA typ.
4
Temperature Sensor
VT @ 10 mV / °C + 500 mV typ.
5
Shutdown
TTL
6, 7
VDD
28 VDC
8, 9
GND
Ground
Case Outline (Standard)
Revision History
Date
Rev.
Orig.
Details of Revision
20150317
A
DPD
Initial release in 2015 format
Information provided by MtronPTI is believed to be accurate and reliable. However, no responsibility is assumed by MtronPTI for its use nor for any
infringements or patents or other rights of third parties that may result from its use.
No license is granted by implication or otherwise under any patent or patent rights of MtronPTI.
MtronPTI may change specifications without notice to improve end application performance or product manufacturability.
Contact MtronPTI for the most up-to-date information.


Similar Part No. - PA1067

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA1067NL PULSE-PA1067NL Datasheet
249Kb / 6P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
More results

Similar Description - PA1067

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
PA1014 MTRONPTI-PA1014 Datasheet
359Kb / 3P
   Solid State High Power Amplifier
PA1016 MTRONPTI-PA1016 Datasheet
855Kb / 3P
   Solid State High Power Amplifier
PA3034 MTRONPTI-PA3034 Datasheet
100Kb / 2P
   Solid State High Power Amplifier
PA2020 MTRONPTI-PA2020 Datasheet
918Kb / 3P
   Solid State High Power Amplifier
PA1068 MTRONPTI-PA1068 Datasheet
1Mb / 2P
   Solid State High Power Amplifier
PA2037 MTRONPTI-PA2037 Datasheet
127Kb / 2P
   Solid State High Power Amplifier
PA1052 MTRONPTI-PA1052 Datasheet
1,006Kb / 2P
   Solid State High Power Amplifier
PA3033 MTRONPTI-PA3033 Datasheet
101Kb / 2P
   Solid State High Power Amplifier
PA1049 MTRONPTI-PA1049 Datasheet
833Kb / 3P
   Solid State High Power Amplifier
PA1044 MTRONPTI-PA1044 Datasheet
778Kb / 3P
   Solid State High Power Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com