Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50SVPK33M Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 50SVPK33M
Description  Conductive Polymer Aluminum Solid Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

50SVPK33M Datasheet(HTML) 2 Page - Panasonic Semiconductor

  50SVPK33M Datasheet HTML 1Page - Panasonic Semiconductor 50SVPK33M Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Conductive Polymer Aluminum Solid Capacitors
✽1 Ripple current (100 kHz/ +105 °C < Tx < +125 °C) /Allowable ripple current (100 kHz/ Tx < +105 °C), ✽2 ESR (100 kHz to 300 kHz/+20 °C)
✽3 tan d (120 Hz/+20 °C) ✽4 After 2 minutes
◆ Please refer to each page in this catarog for “Reflow conditions” and “Taping specifications”.
Frequency correction factor for ripple current
Frequency
120 Hz
< f < 1 kHz
1 kHz
< f < 10 kHz
10 kHz
< f < 100 kHz
100 kHz
< f < 500 kHz
Coefficient
0.05
0.3
0.7
1
Characteristics list
Series
Rated
voltage
(V.DC)
Rated
capacitance
(µF)
Case size (mm)
Size
code
Specifications
Standard (Reel size :
f380)
fD
L
Ripple
1
current
(mAr.m.s.)
Allowable
1
ripple current
(mAr.m.s.)
ESR
2
(m
Ω max.)
tan
d
✽3
LC
4
(µA)
Part number
Min.
Packaging Q'ty
(pcs)
SVPK
25
33
5.0
5.9
B6
820
2600
35
0.12
165
25SVPK33M
1500
82
6.3
5.9
C6
960
3060
25
0.12
410
25SVPK82M
1000
120
8.0
6.9
E7
1010
3200
24
0.12
600
25SVPK120M
1000
270
8.0
11.9
E12
1470
4650
16
0.12
1350
25SVPK270M
400
470
10.0
12.6
F12
1590
5000
14
0.12
2350
25SVPK470M
400
35
22
5.0
5.9
B6
820
2600
35
0.12
154
35SVPK22M
1500
47
6.3
5.9
C6
930
2950
27
0.12
329
35SVPK47M
1000
82
8.0
6.9
E7
960
3060
25
0.12
574
35SVPK82M
1000
180
8.0
11.9
E12
1260
4000
20
0.12
1260
35SVPK180M
400
330
10.0
12.6
F12
1390
4400
18
0.12
2310
35SVPK330M
400
50
10
5.0
5.9
B6
550
1750
80
0.12
100
50SVPK10M
1500
22
6.3
5.9
C6
820
2600
35
0.12
220
50SVPK22M
1000
33
8.0
6.9
E7
850
2700
35
0.12
330
50SVPK33M
1000
68
8.0
11.9
E12
1200
3800
25
0.12
680
50SVPK68M
400
120
10.0
12.6
F12
1350
4300
20
0.12
1200
50SVPK120M
400
Dec. 2016
03


Similar Part No. - 50SVPK33M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
50SVPK33M PANASONIC-50SVPK33M Datasheet
484Kb / 7P
   Conductive Polymer Aluminum Solid Capacitors
More results

Similar Description - 50SVPK33M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
APSC160ELL331 CHEMI-CON-APSC160ELL331 Datasheet
303Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSK2R5ELL561 CHEMI-CON-APSK2R5ELL561 Datasheet
294Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSA100ELL470 CHEMI-CON-APSA100ELL470 Datasheet
37Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Panasonic Semiconductor
63SXV33M PANASONIC-63SXV33M Datasheet
48Kb / 1P
   Conductive Polymer Aluminum Solid Capacitors ?
logo
List of Unclassifed Man...
APSA6R3ELL681MJB5S ETC2-APSA6R3ELL681MJB5S Datasheet
43Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Panasonic Semiconductor
2R5SVT560M PANASONIC-2R5SVT560M Datasheet
542Kb / 7P
   Conductive Polymer Aluminum Solid Capacitors
SVPE PANASONIC-SVPE_V01 Datasheet
1Mb / 7P
   Conductive Polymer Aluminum Solid Capacitors
01-Apr-22
logo
Nippon Precision Circui...
APSF2R0ESS102MF08S NPC-APSF2R0ESS102MF08S Datasheet
49Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
United Chemi-Con, Inc.
APSK2R5ELL221 CHEMI-CON-APSK2R5ELL221 Datasheet
294Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APXG160ARA102 CHEMI-CON-APXG160ARA102 Datasheet
310Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APXG200ARA560 CHEMI-CON-APXG200ARA560 Datasheet
310Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com