Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA2S1265-YDTU Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # KA2S1265-YDTU
Description  Fairchild Power Switch(SPS)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA2S1265-YDTU Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button KA2S1265-YDTU Datasheet HTML 4Page - Fairchild Semiconductor KA2S1265-YDTU Datasheet HTML 5Page - Fairchild Semiconductor KA2S1265-YDTU Datasheet HTML 6Page - Fairchild Semiconductor KA2S1265-YDTU Datasheet HTML 7Page - Fairchild Semiconductor KA2S1265-YDTU Datasheet HTML 8Page - Fairchild Semiconductor KA2S1265-YDTU Datasheet HTML 9Page - Fairchild Semiconductor KA2S1265-YDTU Datasheet HTML 10Page - Fairchild Semiconductor KA2S1265-YDTU Datasheet HTML 11Page - Fairchild Semiconductor KA2S1265-YDTU Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
KA2S1265
10
Ordering Information
TU : Non Forming Type
YDTU : Forming Type
Product Number
Package
Rating
Operating Temperature
KA2S1265-TU
TO-3P-5L
650V,12A
-25
°C to +85°C
KA2S1265-YDTU
TO-3P-5L(Forming)


Similar Part No. - KA2S1265-YDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA2S0680 FAIRCHILD-KA2S0680 Datasheet
139Kb / 8P
   SPS
KA2S0680B FAIRCHILD-KA2S0680B Datasheet
89Kb / 12P
   Fairchild Power Switch(SPS)
KA2S0680B-TU FAIRCHILD-KA2S0680B-TU Datasheet
89Kb / 12P
   Fairchild Power Switch(SPS)
KA2S0680B-YDTU FAIRCHILD-KA2S0680B-YDTU Datasheet
89Kb / 12P
   Fairchild Power Switch(SPS)
KA2S0765 FAIRCHILD-KA2S0765 Datasheet
111Kb / 10P
   Fairchild Power Switch(FPS)
More results

Similar Description - KA2S1265-YDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA5M0765RQC FAIRCHILD-KA5M0765RQC Datasheet
755Kb / 12P
   Fairchild Power Switch(SPS)
KA2S0680B FAIRCHILD-KA2S0680B Datasheet
89Kb / 12P
   Fairchild Power Switch(SPS)
KA1L0380B FAIRCHILD-KA1L0380B Datasheet
75Kb / 12P
   Fairchild Power Switch(SPS)
FS6S0965RC FAIRCHILD-FS6S0965RC Datasheet
135Kb / 12P
   Fairchild Power Switch(SPS)
KA2S0880B FAIRCHILD-KA2S0880B Datasheet
85Kb / 12P
   Fairchild Power Switch(SPS)
KA3S0765R FAIRCHILD-KA3S0765R Datasheet
120Kb / 14P
   Fairchild Power Switch(SPS)
KA3S0880RB FAIRCHILD-KA3S0880RB Datasheet
100Kb / 14P
   Fairchild Power Switch(SPS)
KA5M0965Q FAIRCHILD-KA5M0965Q Datasheet
636Kb / 14P
   Fairchild Power Switch(SPS)
KA2S0965 FAIRCHILD-KA2S0965 Datasheet
89Kb / 12P
   Fairchild Power Switch(SPS)
FS6S0965R FAIRCHILD-FS6S0965R Datasheet
193Kb / 16P
   Power Switch(SPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com