Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4001UL Datasheet(PDF) 1 Page - Grayhill, Inc

Part No. 4001UL
Description  Momentary or Momentary With Positive Feel
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

4001UL Datasheet(HTML) 1 Page - Grayhill, Inc

  4001UL Datasheet HTML 1Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Wiping Contact Pushbutton Switches
SerieS 10
SerieS 4000
SPSt, 1 and 3 amp
FeatureS
•Momentaryor
MomentaryWithPositiveFeel
•ULRecognizedat3Amps
4001(UL)
10-09(UL)
10-100
4002(UL)
10-10(UL)
10-101
diMenSiOnS inInches(andmillimeters)
decorative
Mounting nut
PartNo.07C1040-1
Button Guard
PartNo.10C1015-1
Oper. at
rating at
rating at
rated
115 Vac
220 Vac
actuating
action
Part no.
Circuitry
Load
resistive
resistive
Force
Momentary4001 SPST-N.O.100,000 1Amp
1
/2Amp
22oz.±8
10-09
Momentary4002
SPST-N.C.100,000 1Amp
1
/2Amp
23oz.±7
10-10
Pos.Feel 10-100SPST-N.O.100,000 1Amp
1
/2Amp
35oz.±8
Pos.Feel 10-101SPST-N.C.100,000 1Amp
1
/2Amp
35oz.±10
underwriters Laboratory recognized
Momentary4001ULSPST-N.O.
6,000
3Amp
—–
22oz.±8
10-09UL
Momentary4002UL SPST-N.C.6,000 3Amp
—–
23oz.±7
10-10UL
CirCuitry
aCCeSSOrieS
description & Button Color
Part no.
SPST,N.O.,Red
4001
SPST,N.O.,Black
10-09
SPST,N.O.,UL,Red
4001uL
SPST,N.O.,UL,Black
10-09 uL
SPST,N.O.,PositiveFeel,Red
10-100
SPST,N.C.,PositiveFeel,Black
10-101
SPST,N.C.,Red
10-10
SPST,N.C.,Black
4002
SPST,N.C.,UL,Red
10-10 uL
SPST,N.C.,ULBlack
4002 uL
AccessoryNut
07C1040-1
AccessoryButtonGuard
10C1015-1
OrderinG inFOrMatiOn
SPeCiFiCatiOnS
rating Criteria
rated:Seechartabove
Contact resistance:25milliohmsorlesson
anewswitch
Voltage Breakdown:1,000Vacbetween
mutuallyinsulatedparts
insulation resistance:1,000megohms
minimum
additional Characteristics
totaltravel: Normallyopen.140±.032(3,56±
0,81).Normallyclosed.110+.010/-.020
(2,79+0,25/-0,51).
Overtravel:Normallyopen.020(0,51)min.
Pretravel:Normallyclosed.010(0,25)min.
Operating temperature:-40°Cto+85°C
uL recognition:Seechartaboveforrating.UL
filenumberis35289.
Materials and Finishes
Mounting nut:Brass,tinzinc
Mounting Bushing and Cover: Zinc, zinc
trivalentchromate-plated
Button and Base:Thermosetplastic
Shorting Bar:Brass,silver-plated
Spring:Tinnedmusicwire
Contact terminals: Berylium copper, silver-
plated.0003"to.0005"
Standard OPtiOnS
Epoxysealedterminalsarenotavailablethrough
distributors.
Forterminalsbentat90°,contactGrayhill.
D
.312+.000 .012
(7,92 0,30)DIA.
B
A
15/32-32UNS-2ATHREAD
HEXMOUNTINGNUT
.094(2,39)THICK
.563(14,30)ACROSSFLATS
.800–.015
(20,32–0,38)
DIA.
E
C
A=N.O.1.500(38,1)REF.
B=N.O..160–.015(4,06–0,38)
C=.375–.010(9,53–0,25)
D=.668–.015(16,97–0,38)
E=.297–.020(7,54–0,51)
N.C..150–.015(3,81–0,38)
N.C.1.490(37,8)REF.
LABEL*
*PARTNUMBERANDE.I.A.
DATECODELABEL
Dimensionacrossbushingflats
is.406±.010(10,31±0,25).
Theinsidedistancebetweenterminals
is.359(9,12)attheswitchbase.
SPSt n.O.
SPSt n.C.


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn