Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMMBT3906LT1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # SMMBT3906LT1G
Description  General Purpose Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMMBT3906LT1G Datasheet(HTML) 6 Page - ON Semiconductor

  SMMBT3906LT1G Datasheet HTML 1Page - ON Semiconductor SMMBT3906LT1G Datasheet HTML 2Page - ON Semiconductor SMMBT3906LT1G Datasheet HTML 3Page - ON Semiconductor SMMBT3906LT1G Datasheet HTML 4Page - ON Semiconductor SMMBT3906LT1G Datasheet HTML 5Page - ON Semiconductor SMMBT3906LT1G Datasheet HTML 6Page - ON Semiconductor SMMBT3906LT1G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MMBT3906L, SMMBT3906L
www.onsemi.com
6
Figure 15. Collector Emitter Saturation Voltage
vs. Collector Current
Figure 16. Base Emitter Saturation Voltage vs.
Collector Current
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
1
0.1
0.01
0.001
0
0.05
0.10
0.15
0.25
0.35
0.40
0.50
1
0.1
0.01
0.001
0.0001
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Figure 17. Base Emitter Voltage vs. Collector
Current
IC, COLLECTOR CURRENT (A)
1
0.1
0.01
0.001
0.0001
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.30
IC/IB = 10
150
°C
25
°C
−55
°C
IC/IB = 10
150
°C
25
°C
−55
°C
VCE = 1 V
150
°C
25
°C
−55
°C
0.20
0.45
Figure 18. Current Gain Bandwidth vs.
Collector Current
IC, COLLECTOR CURRENT (mA)
1000
100
10
1
0.1
10
100
1000
VCE = 2 V
TA = 25°C
VCE (Vdc)
100
10
1
0.1
0.01
0.001
0.01
0.1
1
Single Pulse Test
@ TA = 25°C
Thermal Limit
100 ms
1 s
10 ms
1 ms
IC, COLLECTOR CURRENT (mA)
-0.5
0
0.5
1.0
0
60
80
120
140
160
180
20
40
100
200
-1.0
-1.5
-2.0
+25
°C TO +125°C
-55
°C TO +25°C
+25
°C TO +125°C
-55
°C TO +25°C
qVC FOR VCE(sat)
qVB FOR VBE(sat)
Figure 19. Temperature Coefficients
Figure 20. Safe Operating Area


Similar Part No. - SMMBT3906LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMMBT3906LT1G ONSEMI-SMMBT3906LT1G Datasheet
128Kb / 7P
   General Purpose Transistor
November, 2011 ??Rev. 10
More results

Similar Description - SMMBT3906LT1G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
   General Purpose Transistor
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
   General purpose transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
   GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
   GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
   GENERAL PURPOSE TRANSISTOR
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
   General Purpose Transistor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
   General Purpose Transistor
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
   General Purpose Transistor
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com