Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSS40201LT1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NSS40201LT1G
Description  NPN Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSS40201LT1G Datasheet(HTML) 4 Page - ON Semiconductor

  NSS40201LT1G Datasheet HTML 1Page - ON Semiconductor NSS40201LT1G Datasheet HTML 2Page - ON Semiconductor NSS40201LT1G Datasheet HTML 3Page - ON Semiconductor NSS40201LT1G Datasheet HTML 4Page - ON Semiconductor NSS40201LT1G Datasheet HTML 5Page - ON Semiconductor NSS40201LT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NSS40201LT1G, NSV40201LT1G
www.onsemi.com
4
TYPICAL CHARACTERISTICS
150
°C
25
°C
−55
°C
Figure 1. Collector Emitter Saturation Voltage
vs. Collector Current
Figure 2. Collector Emitter Saturation Voltage
vs. Collector Current
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
10
1
0.1
0.01
0.001
0
0.05
0.1
0.15
0.2
0.25
10
1
0.1
0.01
0.001
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
Figure 3. DC Current Gain vs. Collector
Current
Figure 4. Base Emitter Saturation Voltage vs.
Collector Current
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
10
1
0.1
0.01
0.001
100
200
300
400
500
600
700
800
10
1
0.1
0.01
0.001
0.3
0.4
0.5
0.6
0.7
0.8
1.0
1.1
Figure 5. Base Emitter Turn−On Voltage vs.
Collector Current
Figure 6. Saturation Region
IC, COLLECTOR CURRENT (A)
IB, BASE CURRENT (mA)
10
1
0.1
0.01
0.001
0.1
0.2
0.3
0.4
0.5
0.6
0.9
1.0
100
10
1
0.1
0.01
0
0.2
0.4
0.6
0.8
1.0
IC/IB = 10
150
°C
25
°C
−55
°C
IC/IB = 100
150
°C (5.0 V)
150
°C (2.0 V)
25
°C (5.0 V)
25
°C (2.0 V)
−55
°C (5.0 V)
−55
°C (2.0 V)
0.9
150
°C
25
°C
−55
°C
VCE = 2.0 V
150
°C
25
°C
−55
°C
0.7
0.8
IC = 500 mA
300 mA
100 mA
10 mA
IC/IB = 10


Similar Part No. - NSS40201LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS40201LT1G ONSEMI-NSS40201LT1G Datasheet
131Kb / 5P
   40 V, 4.0 A, Low VCE(sat) NPN Transistor
August, 2009 ??Rev. 5
NSS40201LT1G ONSEMI-NSS40201LT1G Datasheet
107Kb / 6P
   40 V, 2.0 A, Low VCE(sat) NPN Transistor
June, 2013 ??Rev. 8
NSS40201LT1G ONSEMI-NSS40201LT1G_13 Datasheet
107Kb / 6P
   40 V, 2.0 A, Low VCE(sat) NPN Transistor
June, 2013 ??Rev. 8
More results

Similar Description - NSS40201LT1G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com