Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPT1007 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # NPT1007
Description  Gallium Nitride 28V, 200W RF Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NPT1007 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  NPT1007 Datasheet HTML 1Page - List of Unclassifed Manufacturers NPT1007 Datasheet HTML 2Page - List of Unclassifed Manufacturers NPT1007 Datasheet HTML 3Page - List of Unclassifed Manufacturers NPT1007 Datasheet HTML 4Page - List of Unclassifed Manufacturers NPT1007 Datasheet HTML 5Page - List of Unclassifed Manufacturers NPT1007 Datasheet HTML 6Page - List of Unclassifed Manufacturers NPT1007 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
NPT1007
NDS-012 Rev. 3, April 2013
NPT1007
Page 6
Figure 13 - AC780B-4 Metal-Ceramic Package Dimensions and Pinout (all dimensions are in inches [mm])
Ordering Information1
Part Number
Description
NPT1007B
NPT1007 in AC780B-4 Metal-Ceramic Bolt-Down Package
1: To find a Nitronex contact in your area, visit our website at http://www.nitronex.com


Similar Part No. - NPT1007

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPT1007 MA-COM-NPT1007 Datasheet
1,018Kb / 7P
   Gallium Nitride 28V, 200W RF Power Transistor
NPT1007 MA-COM-NPT1007 Datasheet
1,018Kb / 7P
   200W RF Power Transistor
NPT1007 MA-COM-NPT1007_15 Datasheet
1,018Kb / 7P
   200W RF Power Transistor
More results

Similar Description - NPT1007

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPT1007 MA-COM-NPT1007 Datasheet
1,018Kb / 7P
   Gallium Nitride 28V, 200W RF Power Transistor
NPT1004 MA-COM-NPT1004 Datasheet
541Kb / 6P
   Gallium Nitride 28V, 45W RF Power Transistor
logo
List of Unclassifed Man...
NPT1010 ETC2-NPT1010 Datasheet
1Mb / 10P
   Gallium Nitride 28V, 100W RF Power Transistor
NPT35050A ETC2-NPT35050A Datasheet
673Kb / 10P
   Gallium Nitride 28V, 65W RF Power Transistor
NPT35015 ETC2-NPT35015 Datasheet
716Kb / 10P
   Gallium Nitride 28V, 18W RF Power Transistor
logo
M/A-COM Technology Solu...
NPT1012 MA-COM-NPT1012 Datasheet
1,019Kb / 8P
   Gallium Nitride 28V, 25W RF Power Transistor
NPT25015 MA-COM-NPT25015 Datasheet
624Kb / 8P
   Gallium Nitride 28V, 23W RF Power Transistor
NPT35050A MA-COM-NPT35050A Datasheet
673Kb / 10P
   Gallium Nitride 28V, 65W RF Power Transistor
NPTB00004 MA-COM-NPTB00004 Datasheet
953Kb / 10P
   Gallium Nitride 28V, 5W RF Power Transistor
NPT25100 MA-COM-NPT25100 Datasheet
1Mb / 13P
   Gallium Nitride 28V, 125W RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com