Electronic Components Datasheet Search |
|
LM4862M Datasheet(PDF) 7 Page - National Semiconductor (TI) |
|
|
LM4862M Datasheet(HTML) 7 Page - National Semiconductor (TI) |
7 / 10 page Application Information (Continued) The Automatic Switching Circuit is based upon a single control pin common in many headphone jacks which forms a normally closed switch with one of the output pins. The out- put of this circuit (the voltage on pin 5 of the LM4880) has two states based on the position of the switch. When the switch inside the headphone jack is open, the LM4880 is en- abled and the LM4862 is disabled since the NMOS inverter is on. If a headphone jack is not present, it is assumed that the internal speakers should be on and the external speak- ers should be off. Thus the voltage on the LM4862 shutdown pin is low and the voltage on the LM4880 shutdown pin is high. The operation of this circuit is rather simple. With the switch closed, R P and RO form a resistor divider which produces a gate voltage of less than 50 mV. The gate voltage keeps the NMOS inverter off and R SD pulls the shutdown pin of the LM4880 to the supply voltage. This shuts down the LM4880 and places the LM4862 in its normal mode of operation. When the switch is open, the opposite condition is produced. Resistor R P pulls the gate of the NMOS high which turns on the inverter and produces a logic low signal on the shutdown pin of the LM4880. This state enables the LM4880 and places the LM4862 in shutdown mode. Only one channel of this circuit is shown in Figure 2 to keep the drawing simple but a typical application would be a LM4880 driving a stereo headphone jack and two LM4862’s driving a pair of internal speakers. If a single internal speaker is required, one LM4862 can be used as a summer to mix the left and right inputs into a mono channel. PROPER SELECTION OF EXTERNAL COMPONENTS Proper selection of external components in applications us- ing integrated power amplifiers is critical to optimize device and system performance. While the LM4862 is tolerant of external component combinations, consideration to compo- nent values must be used to maximize overall system qual- ity. The LM4862 is unity-gain stable which gives a designer maximum system flexibility. The LM4862 should be used in low gain configurations to minimize THD+N values, and maximize the signal to noise ratio. Low gain configurations require large input signals to obtain a given output power. In- put signals equal to or greater than 1 Vrms are available from sources such as audio codecs. Please refer to the sec- tion, Audio Power Amplifier Design , for a more complete explanation of proper gain selection. Besides gain, one of the major considerations is the closed-loop bandwidth of the amplifier. To a large extent, the band-width is dictated by the choice of external components shown in Figure 1. The input coupling capacitor, C i, forms a first order high pass filter which limits low frequency re- sponse. This value should be chosen based on needed fre- quency response for a few distinct reasons. Selection of Input Capacitor Size Large input capacitors are both expensive and space hungry for portable designs. Clearly, a certain sized capacitor is needed to couple in low frequencies without severe attenua- tion. But in many cases the speakers used in portable sys- tems, whether internal or external, have little ability to repro- duce signals below 100–150 Hz. Thus using a large input capacitor may not increase system performance. In addition to system cost and size, click and pop perfor- mance is effected by the size of the input coupling capacitor, C i. A larger input coupling capacitor requires more charge to reach its quiescent DC voltage (nominally 1⁄2 V DD). This charge comes from the output via the feedback and is apt to create pops upon device enable. Thus, by minimizing the ca- pacitor size based on necessary low frequency response, turn-on pops can be minimized. Besides minimizing the input capacitor size, careful consid- eration should be paid to the bypass capacitor value. Bypass capacitor, C B, is the most critical component to minimize turn-on pops since it determines how fast the LM4862 turns on. The slower the LM4862’s outputs ramp to their quiescent DC voltage (nominally 1⁄2 V DD), the smaller the turn-on pop. Choosing C B equal to 1.0 µF along with a small value of Ci (in the range of 0.1 µF to 0.39 µF), should produce a virtually clickless and popless shutdown function. While the device will function properly, (no oscillations or motorboating), with C B equal to 0.1 µF, the device will be much more susceptible to turn-on clicks and pops. Thus, a value of C B equal to 1.0 µF or larger is recommended in all but the most cost sen- sitive designs. www.national.com 7 |
Similar Part No. - LM4862M |
|
Similar Description - LM4862M |