Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC2007-3 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # MC2007-3
Description  Passive Optical Networks
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MC2007-3 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button MC2007-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers MC2007-3 Datasheet HTML 5Page - List of Unclassifed Manufacturers MC2007-3 Datasheet HTML 6Page - List of Unclassifed Manufacturers MC2007-3 Datasheet HTML 7Page - List of Unclassifed Manufacturers MC2007-3 Datasheet HTML 8Page - List of Unclassifed Manufacturers MC2007-3 Datasheet HTML 9Page - List of Unclassifed Manufacturers MC2007-3 Datasheet HTML 10Page - List of Unclassifed Manufacturers MC2007-3 Datasheet HTML 11Page - List of Unclassifed Manufacturers MC2007-3 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
02007-DSH-002-E
Mindspeed Technologies
®
6
Mindspeed Proprietary and Confidential
3.0 Functional Description
3.1
Overview
The MC2007-3 is a low-noise, transimpedance amplifier with AGC, manufactured in an advanced, low-cost, sub-
micron CMOS process. Its wide dynamic range, differential output and high PIN bias make it well suited to high-
performance telecommunications, especially OC-3/STM-1. However, due to its low cost, the MC2007-3 also meets
the needs of Datacom applications.
The MC2007-3 is available in die form. For optimum system performance die should be mounted in close proximity
to the photodetector.
The MC2007-3 is designed to be used with the MC2045 or M02095 post amplifier IC. When combined with a
photodiode, the chip set forms a high performance, low cost 3.3V receiver.
Figure 3-1.
Block Diagram
TZA
+1
+1
R
Set Max . Gain
RREF
Series Pass
Regulator
Reference
Generator
AGC Control
Bandgap
1.23 V
PINK
PINA
+1
D
OUT
D
OUT


Similar Part No. - MC2007-3

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MC2007-3 MA-COM-MC2007-3 Datasheet
301Kb / 18P
   3.3 V PIN Pre-Amplifier with AGC for Applications to 200 Mbps
More results

Similar Description - MC2007-3

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
1600-MUX MRV-1600-MUX Datasheet
264Kb / 2P
   LambdaDriver짰 Passive Optical Modules
logo
OPLINK Communications I...
PONM-S0163 OPLINK-PONM-S0163 Datasheet
223Kb / 2P
   Passive Optical Network Modules
PONM OPLINK-PONM Datasheet
223Kb / 2P
   Passive Optical Network Modules
logo
MRV Communications, Inc...
MRV-FD-PADX MRV-MRV-FD-PADX Datasheet
751Kb / 4P
   CWDM Passive Optical Add/Drop Multiplexers
logo
Bourns Electronic Solut...
4606H-LF BOURNS-4606H-LF Datasheet
67Kb / 1P
   Networks
4606M-LF BOURNS-4606M-LF Datasheet
61Kb / 1P
   Networks
4607H-LF BOURNS-4607H-LF Datasheet
61Kb / 1P
   Networks
4310M-LF BOURNS-4310M-LF Datasheet
66Kb / 1P
   Networks
4310R-LF BOURNS-4310R-LF Datasheet
70Kb / 1P
   Networks
4108T-L BOURNS-4108T-L Datasheet
29Kb / 2P
   Networks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com