Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M02139 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # M02139
Description  10GBASE-SR, IR and LR Links
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M02139 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  M02139 Datasheet HTML 1Page - List of Unclassifed Manufacturers M02139 Datasheet HTML 2Page - List of Unclassifed Manufacturers M02139 Datasheet HTML 3Page - List of Unclassifed Manufacturers M02139 Datasheet HTML 4Page - List of Unclassifed Manufacturers M02139 Datasheet HTML 5Page - List of Unclassifed Manufacturers M02139 Datasheet HTML 6Page - List of Unclassifed Manufacturers M02139 Datasheet HTML 7Page - List of Unclassifed Manufacturers M02139 Datasheet HTML 8Page - List of Unclassifed Manufacturers M02139 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
02139-DSH-001-D
Mindspeed Technologies
®
2
Mindspeed Proprietary and Confidential
Typical Eye Diagram
Pad Configuration
Ordering Information
Part Number
Package
Operating Temperature
M02139-13
Waffle Pack
–40 °C to 95 °C
M02139-23
Sawn Quartered Wafer
–40 °C to 95 °C
M02139-33
Expanded whole wafer on a ring
–40 °C to 95 °C
Revision History
Revision
Level
Date
Description
D
Release
August 2011
Added 10G specifications. Added final specifications.
C
Preliminary
March 2011
Removed 10G support and added lower data rate sensitivity performance.
Revised ordering information details.
B
Preliminary
August 2010
Corrected Figure 3-2 and other text edits.
A
Preliminary
April 2010
Initial release.
10.3 Gbps, -15 dBm, 20 mV/div, 16 ps/div
MON
PINA
PINK
VCC
AGC
DOUT
GND
GND
1
2
3
4
56
7
13
14
VCC
DOUT
NC
9
8
10
12
11
NC
Die size
1242 x 932 µm


Similar Part No. - M02139

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M02139 MA-COM-M02139 Datasheet
365Kb / 18P
   1G/10G Gbps TIA with AGC and Rate Select
M02139-13 MA-COM-M02139-13 Datasheet
365Kb / 18P
   1G/10G Gbps TIA with AGC and Rate Select
M02139-23 MA-COM-M02139-23 Datasheet
365Kb / 18P
   1G/10G Gbps TIA with AGC and Rate Select
M02139-33 MA-COM-M02139-33 Datasheet
365Kb / 18P
   1G/10G Gbps TIA with AGC and Rate Select
More results

Similar Description - M02139

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFCT-701SDZ BOARDCOM-AFCT-701SDZ Datasheet
272Kb / 18P
   10Gb Ethernet, 1310 nm, 10GBASE-LR, SFP Transceiver for SMF 10km links
logo
Source Photonics, Inc.
SPP-10E-LR-CDFP SOURCE-SPP-10E-LR-CDFP Datasheet
346Kb / 7P
   Support 10GBASE-LR/LW and Data Center application
SPP-10E-LR-IDFP SOURCE-SPP-10E-LR-IDFP Datasheet
346Kb / 7P
   Support 10GBASE-LR/LW and CPRI wireless application
SPP-10E-LR-CDFF SOURCE-SPP-10E-LR-CDFF Datasheet
347Kb / 7P
   Support 10GBASE-LR/LW and CPRI wireless application
SPP-10E-LR-IDFF SOURCE-SPP-10E-LR-IDFF Datasheet
346Kb / 7P
   Support 10GBASE-LR/LW and CPRI wireless application
logo
ATGBICS by Approved Tec...
QFX-10GBASE-LR-C ATGBICS-QFX-10GBASE-LR-C Datasheet
367Kb / 10P
   QFX-10GBASE-LR Juniper Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
LRXP8510-X3ATL-C ATGBICS-LRXP8510-X3ATL-C Datasheet
375Kb / 10P
   LRXP8510-X3ATL LR Link Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
logo
JDS Uniphase Corporatio...
JXP-01LWAA1 JDSU-JXP-01LWAA1 Datasheet
127Kb / 4P
   10GBASE-LR XFP Optical Transceiver
JX2-13SLAA1 JDSU-JX2-13SLAA1 Datasheet
124Kb / 3P
   10GBASE-SR X2 Optical Transceiver
JXP-01SGAA1 JDSU-JXP-01SGAA1 Datasheet
195Kb / 4P
   10GBASE-SR XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com