Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7493 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7493
Description  HEXFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7493 Datasheet(HTML) 1 Page - International Rectifier

  IRF7493 Datasheet HTML 1Page - International Rectifier IRF7493 Datasheet HTML 2Page - International Rectifier IRF7493 Datasheet HTML 3Page - International Rectifier IRF7493 Datasheet HTML 4Page - International Rectifier IRF7493 Datasheet HTML 5Page - International Rectifier IRF7493 Datasheet HTML 6Page - International Rectifier IRF7493 Datasheet HTML 7Page - International Rectifier IRF7493 Datasheet HTML 8Page - International Rectifier IRF7493 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.irf.com
1
7/29/03
SO-8
Top View
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
IRF7493
HEXFET® Power MOSFET
Notes
 through … are on page 9
PD - 94654B
l High frequency DC-DC converters
Benefits
Applications
l Low Gate-to-Drain Charge to Reduce
Switching Losses
l Fully Characterized Capacitance Including
Effective COSS to Simplify Design, (See
App. Note AN1001)
l Fully Characterized Avalanche Voltage
and Current
VDSS
RDS(on) max
Qg (typ.)
80V
15m
:@V
GS=10V
35nC
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TC = 70°C
Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
c
PD @TC = 25°C
Maximum Power Dissipation
f
W
PD @TC = 70°C
Maximum Power Dissipation
f
Linear Derating Factor
W/°C
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Lead
–––
20
RθJA
Junction-to-Ambient
f
–––
50
Max.
9.3
7.4
74
± 20
80
-55 to + 150
2.5
0.02
1.6


Similar Part No. - IRF7493

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7493 IRF-IRF7493 Datasheet
161Kb / 9P
   High frequency DC-DC converte
IRF7493PBF IRF-IRF7493PBF Datasheet
159Kb / 9P
   HEXFET짰 Power MOSFET
IRF7493PBF IRF-IRF7493PBF Datasheet
165Kb / 9P
   High frequency DC-DC converters
IRF7493PBF-1 IRF-IRF7493PBF-1 Datasheet
224Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7493PBF-1 IRF-IRF7493PBF-1_15 Datasheet
224Kb / 9P
   Industry-standard pinout SO-8 Package
More results

Similar Description - IRF7493

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com