Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4862 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4862
Description  675 mW Audio Power Amplifier with Shutdown Mode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4862 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM4862 Datasheet HTML 1Page - National Semiconductor (TI) LM4862 Datasheet HTML 2Page - National Semiconductor (TI) LM4862 Datasheet HTML 3Page - National Semiconductor (TI) LM4862 Datasheet HTML 4Page - National Semiconductor (TI) LM4862 Datasheet HTML 5Page - National Semiconductor (TI) LM4862 Datasheet HTML 6Page - National Semiconductor (TI) LM4862 Datasheet HTML 7Page - National Semiconductor (TI) LM4862 Datasheet HTML 8Page - National Semiconductor (TI) LM4862 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
6.0V
Storage Temperature
−65˚C to +150˚C
Input Voltage
−0.3V to V
DD + 0.3V
Power Dissipation (Note 3)
Internally limited
ESD Susceptibility (Note 4)
3500V
ESD Susceptibility (Note 5)
250V
Junction Temperature
150˚C
Soldering Information
Small Outline Package
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
See AN-450 “Surface Mounting and their Effects on
Product Reliability” for other methods of soldering surface
mount devices.
Thermal Resistance
θ
JC (typ) — M08A
35˚C/W
θ
JA (typ) — M08A
170˚C/W
θ
JC (typ) — N08E
37˚C/W
θ
JA (typ) — N08E
107˚C/W
Operating Ratings
Temperature Range
T
MIN ≤ TA ≤ TMAX
−40˚C
≤ T
A ≤ 85˚C
Supply Voltage
2.7V
≤ V
DD ≤ 5.5V
Electrical Characteristics(Note 1) (Note 2)
The following specifications apply for V
DD = 5V unless otherwise specified. Limits apply for TA = 25˚C.
Symbol
Parameter
Conditions
LM4862
Units
(Limits)
Typical
Limit
(Note 6)
(Note 7)
V
DD
Supply Voltage
2.7
V (min)
5.5
V (max)
I
DD
Quiescent Power Supply Current
V
IN = 0V, IO = 0A (Note 8)
3.6
6.0
mA (max)
I
SD
Shutdown Current
V
PIN1 = VDD
0.7
5
µA (max)
V
OS
Output Offset Voltage
V
IN = 0V
5
50
mV (max)
P
O
Output Power
THD = 1% (max); f = 1 kHz; R
L =8Ω
675
500
mW (min)
THD+N = 10%;f = 1 kHz; R
L =8Ω
825
mW
THD + N
Total Harmonic Distortion +
Noise
P
O = 500 mWrms; RL =8Ω
A
VD = 2; 20 Hz ≤ f ≤ 20 kHz
0.55
%
PSRR
Power Supply Rejection Ratio
V
DD = 4.9V to 5.1V
50
dB
Note 1: All voltages are measured with respect to the ground pin, unless otherwise specified.
Note 2: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is func-
tional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which guar-
antee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit is
given, however, the typical value is a good indication of device performance.
Note 3: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature TA. The maximum
allowable power dissipation is PDMAX = (TMAX −TA)/θJA. For the LM4862, TJMAX = 150˚C. The typical junction-to-ambient thermal resistance, when board mounted,
is 170˚C/W for package number M08A and is 107˚C/W for package number N08E.
Note 4: Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Note 5: Machine Model, 200 pF–240 pF discharged through all pins.
Note 6: Typicals are measured at 25˚C and represent the parametric norm.
Note 7: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 8: The quiescent power supply current depends on the offset voltage when a practical load is connected to the amplifier.
www.national.com
2


Similar Part No. - LM4862

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4862 TI-LM4862 Datasheet
939Kb / 18P
[Old version datasheet]   LM4862 675 mW Audio Power Amplifier with Shutdown
LM4862 TI-LM4862 Datasheet
936Kb / 18P
[Old version datasheet]   675 mW Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862G-D08-T UTC-LM4862G-D08-T Datasheet
125Kb / 5P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4862G-D08-T UTC-LM4862G-D08-T Datasheet
153Kb / 4P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
More results

Similar Description - LM4862

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4862 TI-LM4862_15 Datasheet
936Kb / 18P
[Old version datasheet]   675 mW Audio Power Amplifier with Shutdown Mode
LM4862M TI-LM4862M Datasheet
939Kb / 18P
[Old version datasheet]   LM4862 675 mW Audio Power Amplifier with Shutdown
logo
National Semiconductor ...
LM4864 NSC-LM4864 Datasheet
342Kb / 10P
   300 mW Audio Power Amplifier with Shutdown Mode
logo
Texas Instruments
LM4880 TI-LM4880 Datasheet
1Mb / 20P
[Old version datasheet]   Dual 250 mW Audio Power Amplifier with Shutdown Mode
logo
National Semiconductor ...
LM4880 NSC-LM4880 Datasheet
375Kb / 12P
   Dual 250 mW Audio Power Amplifier with Shutdown Mode
logo
SG Micro Corp
SGM4871 SGMICRO-SGM4871 Datasheet
331Kb / 12P
   Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4862 UTC-LM4862_15 Datasheet
153Kb / 4P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
National Semiconductor ...
LM4861 NSC-LM4861_03 Datasheet
276Kb / 12P
   1.1W Audio Power Amplifier with Shutdown Mode
LM4819 NSC-LM4819 Datasheet
616Kb / 21P
   350mW Audio Power Amplifier with Shutdown Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com