Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM4862 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part No. LM4862
Description  675 mW Audio Power Amplifier with Shutdown Mode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4862 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4862 Datasheet HTML 1Page - National Semiconductor (TI) LM4862 Datasheet HTML 2Page - National Semiconductor (TI) LM4862 Datasheet HTML 3Page - National Semiconductor (TI) LM4862 Datasheet HTML 4Page - National Semiconductor (TI) LM4862 Datasheet HTML 5Page - National Semiconductor (TI) LM4862 Datasheet HTML 6Page - National Semiconductor (TI) LM4862 Datasheet HTML 7Page - National Semiconductor (TI) LM4862 Datasheet HTML 8Page - National Semiconductor (TI) LM4862 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Typical Performance Characteristics
THD+N vs Frequency
DS012342-3
THD+N vs Frequency
DS012342-4
THD+N vs Frequency
DS012342-5
THD+N vs Output Power
DS012342-6
THD+N vs Output Power
DS012342-7
THD+N vs Output Power
DS012342-8
Output Power vs
Supply Voltage
DS012342-9
Output Power vs
Supply Voltage
DS012342-10
Output Power vs
Supply Voltage
DS012342-11
www.national.com
4


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LM4860 Series 1W Audio Power Amplifier with Shutdown Mode 1  2  3  4  5  More National Semiconductor (TI)
LM4880 Dual 250 mW Audio Power Amplifier with Shutdown Mode 1  2  3  4  5  More National Semiconductor (TI)
LM4861 1.1W Audio Power Amplifier with Shutdown Mode 1  2  3  4  5  More National Semiconductor (TI)
LM4882 250mW Audio Power Amplifier with Shutdown Mode 1  2  3  4  5  More National Semiconductor (TI)
LM4991 3W Audio Power Amplifier with Shutdown Mode 1  2  3  4  5  More National Semiconductor (TI)
LM4864 300 mW Audio Power Amplifier with Shutdown Mode 1  2  3  4  5  More National Semiconductor (TI)
HWD2182 250mW Audio Power Amplifier with Shutdown Mode 1  2  3  4  5  More List of Unclassifed Manufacturers
LM4902 265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode 1  2  3  4  5  More National Semiconductor (TI)
LM4818 350mW Audio Power Amplifier with Shutdown Mode 1  2  3  4  5  More National Semiconductor (TI)
LM4870 1.1W Audio Power Amplifier with Shutdown Mode 1  2  3  4  5  More National Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn