Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

709279L9PFGI8 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 709279L9PFGI8
Description  HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

709279L9PFGI8 Datasheet(HTML) 2 Page - Integrated Device Technology

  709279L9PFGI8 Datasheet HTML 1Page - Integrated Device Technology 709279L9PFGI8 Datasheet HTML 2Page - Integrated Device Technology 709279L9PFGI8 Datasheet HTML 3Page - Integrated Device Technology 709279L9PFGI8 Datasheet HTML 4Page - Integrated Device Technology 709279L9PFGI8 Datasheet HTML 5Page - Integrated Device Technology 709279L9PFGI8 Datasheet HTML 6Page - Integrated Device Technology 709279L9PFGI8 Datasheet HTML 7Page - Integrated Device Technology 709279L9PFGI8 Datasheet HTML 8Page - Integrated Device Technology 709279L9PFGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
6.42
IDT709279/69S/L
Preliminary
High-Speed 32/16K x 16 Synchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
2
Description
The IDT709279/69 is a high-speed 32/16K x 16 bit synchronous
Dual-Port RAM. The memory array utilizes Dual-Port memory cells to
allowsimultaneousaccessofanyaddressfrombothports.Registerson
control,data,andaddressinputsprovideminimalsetupandholdtimes.
The timing latitude provided by this approach allows systems to be
designed with very short cycle times.
Pin Configurations(2,3,4)
Withaninputdataregister,theIDT709279/69hasbeenoptimizedfor
applicationshavingunidirectionalorbidirectionaldataflowinbursts.An
automatic power down feature, controlled by CE0 and CE1, permits the
on-chip circuitry of each port to enter a very low standby power mode.
Fabricated using CMOS high-performance technology, these devices
typically operate on only 950mW of power.
Index
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76
IDT709279/69PF
PN100(5)
100-Pin TQFP
Top View(6)
3243 drw 02
I/O15L
OEL
R/
WL
CNTRSTL
CE1L
CE0L
VCC
NC
A14L(1)
A13L
NC
NC
A12L
A11L
A10L
A9L
I/O10L
I/O11L
I/O12L
I/O13L
I/O14L
UBL
LBL
GND
FT/PIPER
OER
R/
WR
CNTRSTR
CE1R
CE0R
NC
NC
GND
A12R
A13R
A11R
A10R
A9R
A14R(1)
NC
I/O10R
I/O11R
I/O12R
I/O13R
I/O14R
I/O15R
GND
UBR
LBR
FT/PIPEL
NOTES:
1. A14X is a NC for IDT709269.
2. All VCC pins must be connected to power supply.
3. All GND pins must be connected to ground supply.
4. Package body is approximately 14mm x 14mm x 1.4mm
5. This package code is used to reference the package diagram.
6. This text does not indicate orientation of the actual part-marking.


Similar Part No. - 709279L9PFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
709279L9PFGI8 IDT-709279L9PFGI8 Datasheet
222Kb / 17P
   HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - 709279L9PFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT709279 IDT-IDT709279 Datasheet
314Kb / 18P
   HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709279 IDT-IDT709279_18 Datasheet
222Kb / 17P
   HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709279 RENESAS-709279 Datasheet
339Kb / 18P
   HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
FEBRUARY 2018
70V9279 RENESAS-70V9279 Datasheet
473Kb / 20P
   HIGH-SPEED 3.3V 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
AUGUST 2019
logo
Integrated Device Techn...
IDT709269S IDT-IDT709269S Datasheet
195Kb / 15P
   HIGH-SPEED 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709379L9PF IDT-IDT709379L9PF Datasheet
187Kb / 16P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709379 RENESAS-709379 Datasheet
360Kb / 17P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT709379 IDT-IDT709379_18 Datasheet
210Kb / 16P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S Datasheet
239Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com