Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT709269SL Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT709269SL
Description  HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT709269SL Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT709269SL Datasheet HTML 7Page - Integrated Device Technology IDT709269SL Datasheet HTML 8Page - Integrated Device Technology IDT709269SL Datasheet HTML 9Page - Integrated Device Technology IDT709269SL Datasheet HTML 10Page - Integrated Device Technology IDT709269SL Datasheet HTML 11Page - Integrated Device Technology IDT709269SL Datasheet HTML 12Page - Integrated Device Technology IDT709269SL Datasheet HTML 13Page - Integrated Device Technology IDT709269SL Datasheet HTML 14Page - Integrated Device Technology IDT709269SL Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
6.42
IDT709279/69S/L
Preliminary
High-Speed 32/16K x 16 Synchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
11
Timing Waveform of Pipelined Read-to-Write-to-Read (OE = VIL)(3)
Timing Waveforn of Pipelined Read-to-Write-to-Read (OE Controlled)(3)
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage with the Output Test Load (Figure 2).
2. Output state (High, Low, or High-impedance) is determined by the previous cycle control signals.
3. CE0, UB, LB, and ADS = VIL; CE1, CNTEN, and CNTRST = VIH.
4. Addresses do not have to be accessed sequentially since ADS = VIL constantly loads the address on the rising edge of the CLK; numbers are for reference use
only.
5. "NOP" is "No Operation." Data in memory at the selected address may be corrupted and should be re-written to guarantee data integrity.
R/
W
ADDRESS
An
An +1
An + 2
An + 2
An + 3
An + 4
DATAIN
Dn + 2
CE0
CLK
3243 drw 11
Qn
Qn + 3
DATAOUT
CE1
UB, LB
tCD2
tCKHZ
tCKLZ
tCD2
tSC
tHC
tSB
tHB
tSW tHW
tSA
tHA
tCH2
tCL2
tCYC2
READ
NOP
READ
tSD tHD
(4)
(2)
(1)
(1)
tSW tHW
WRITE
(5)
R/
W
ADDRESS
An
An +1
An + 2
An + 3
An + 4
An + 5
DATAIN
Dn + 3
Dn + 2
CE0
CLK
3243 drw 12
DATAOUT
Qn
Qn + 4
CE1
UB, LB
OE
tCH2
tCL2
tCYC2
tCKLZ
(1)
tCD2
tOHZ
(1)
tCD2
tSD
tHD
READ
WRITE
READ
tSC
tHC
tSB
tHB
tSW tHW
tSA
tHA
(4)
(2)
tSW tHW


Similar Part No. - IDT709269SL

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT709269S IDT-IDT709269S Datasheet
195Kb / 15P
   HIGH-SPEED 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709269S IDT-IDT709269S Datasheet
314Kb / 18P
   HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709269S IDT-IDT709269S Datasheet
222Kb / 17P
   HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709269S12G IDT-IDT709269S12G Datasheet
314Kb / 18P
   HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709269S12GI IDT-IDT709269S12GI Datasheet
314Kb / 18P
   HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - IDT709269SL

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT709279 IDT-IDT709279 Datasheet
314Kb / 18P
   HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709279 IDT-IDT709279_18 Datasheet
222Kb / 17P
   HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709279 RENESAS-709279 Datasheet
339Kb / 18P
   HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
FEBRUARY 2018
70V9279 RENESAS-70V9279 Datasheet
473Kb / 20P
   HIGH-SPEED 3.3V 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
AUGUST 2019
logo
Integrated Device Techn...
IDT709269S IDT-IDT709269S Datasheet
195Kb / 15P
   HIGH-SPEED 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709379L9PF IDT-IDT709379L9PF Datasheet
187Kb / 16P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709379 RENESAS-709379 Datasheet
360Kb / 17P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT709379 IDT-IDT709379_18 Datasheet
210Kb / 16P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S Datasheet
239Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com