Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVCH16244BF Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 74ALVCH16244BF
Description  3.3V CMOS 32-BIT BUFFER/ DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

74ALVCH16244BF Datasheet(HTML) 2 Page - Integrated Device Technology

  74ALVCH16244BF Datasheet HTML 1Page - Integrated Device Technology 74ALVCH16244BF Datasheet HTML 2Page - Integrated Device Technology 74ALVCH16244BF Datasheet HTML 3Page - Integrated Device Technology 74ALVCH16244BF Datasheet HTML 4Page - Integrated Device Technology 74ALVCH16244BF Datasheet HTML 5Page - Integrated Device Technology 74ALVCH16244BF Datasheet HTML 6Page - Integrated Device Technology 74ALVCH16244BF Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
INDUSTRIALTEMPERATURERANGE
2
IDT74ALVCH32244
3.3VCMOS32-BITBUFFER/DRIVERWITH3-STATEOUTPUTS
LFBGA
TOPVIEW
96 BALL LFBGA PACKAGE ATTRIBUTES
PIN CONFIGURATION
1.5mm Max.
1.4mm Nom.
1.3mm Min.
0.8mm
6
5
4
3
2
1
TOP VIEW
A
B
C
D
E
F
G
H
J
K
LM
NPR
T
A
B
C
D
E
F
G
H
J
K
LM
NPR
T
6
5
4
3
2
1
13.5mm
5.5mm
A
B
C
E
F
G
H
J
K
L
M
N
P
D
R
T
6
5
4
3
2
1
2
A4
3
A1
3
A2
3
A4
4
A3
1
A4
2
A1
2
A3
4
A2
4
A4
3
A3
4
A1
1
A2
1
A3
1
A1
VCC
GND
6
A4
5
A2
5
A4
7
A1
7
A3
7
A2
5
A3
6
A1
7
A4
5
A1
8
A2
VCC
1
Y1
GND
GND
VCC
1
Y2
1Y3
8
Y2
8
Y3
GND
3
Y2
3
Y4
1
Y4
2
Y1
2
Y3
4
Y2
4
Y4
6
Y3
7
Y2
5
Y3
6
Y1
7
Y4
5
Y1
2
Y2
2
Y4
3
Y1
4
Y3
3
Y3
4
Y1
6
Y2
6
Y4
5
Y2
5
Y4
7
Y1
7
Y3
GND
VCC
GND
VCC
GND
GND
VCC
GND
GND
GND
6
A3
6
A2
GND
2
OE
6
OE
8
A1
8
A3
8
A4
7
OE
8
Y4
8
Y1
VCC
GND
4
OE
1
OE
VCC
GND
GND
GND
3
OE
5
OE
8
OE
2
A2


Similar Part No. - 74ALVCH16244BF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16244 PHILIPS-74ALVCH16244 Datasheet
84Kb / 10P
   2.5V/3.3V 16-bit buffer/line driver 3-State
1998 Jun 29
logo
Fairchild Semiconductor
74ALVCH16244 FAIRCHILD-74ALVCH16244 Datasheet
79Kb / 6P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
logo
STMicroelectronics
74ALVCH16244 STMICROELECTRONICS-74ALVCH16244 Datasheet
224Kb / 10P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
ON Semiconductor
74ALVCH16244 ONSEMI-74ALVCH16244 Datasheet
268Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 2
logo
NXP Semiconductors
74ALVCH16244DGG PHILIPS-74ALVCH16244DGG Datasheet
84Kb / 10P
   2.5V/3.3V 16-bit buffer/line driver 3-State
1998 Jun 29
More results

Similar Description - 74ALVCH16244BF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74ALVCH32244 IDT-IDT74ALVCH32244_15 Datasheet
106Kb / 7P
   3.3V CMOS 32-BIT BUFFER/ DRIVER
IDT74LVC16244A IDT-IDT74LVC16244A_15 Datasheet
107Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER
IDT74LVC162244A IDT-IDT74LVC162244A_15 Datasheet
107Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER
IDT74ALVC16244A IDT-IDT74ALVC16244A_16 Datasheet
93Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER
IDT74LVCH16244A IDT-IDT74LVCH16244A_15 Datasheet
224Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER
IDT74LVCH162244A IDT-IDT74LVCH162244A_15 Datasheet
108Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER
IDT74ALVC16244A IDT-IDT74ALVC16244A_09 Datasheet
84Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER
IDT74ALVCH162244 IDT-IDT74ALVCH162244_16 Datasheet
96Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER
logo
Renesas Technology Corp
IDT74FCT163244A RENESAS-IDT74FCT163244A Datasheet
241Kb / 7P
   3.3V CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT163244 IDT-IDT74FCT163244 Datasheet
108Kb / 6P
   3.3V CMOS 16-BIT BUFFER/LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com