Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLM600PS24-T Datasheet(PDF) 1 Page - XP Power Limited

Part # SLM600PS24-T
Description  Industrial (SL) & Medical (SLM) Versions
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

SLM600PS24-T Datasheet(HTML) 1 Page - XP Power Limited

  SLM600PS24-T Datasheet HTML 1Page - XP Power Limited SLM600PS24-T Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
300-600 Watts
Industrial (SL) & Medical (SLM) Versions
Output Voltages from 12 V to 96 V
Power Factor Corrected
Remote On/Off
Current Share
Power Fail Signal
Overtemperature Protection
SL & SLM Series
Input
Input Voltage
• 90-264 VAC (125-360 VDC)
Input Frequency
• 44-66 Hz
Input Current
• 300 W models: 4.4 A at 90 VAC
1.8 A at 230 VAC
600 W models: 8.9 A at 90 VAC
3.5 A at 230 VAC
Inrush Current
• 100 A at 230 VAC
Power Factor
• 0.9 typical
Earth Leakage Current
• SL models: <2.5 mA at 264 VAC/50 Hz
SLM models: <100 µA at 264 VAC/50 Hz
Input Protection
• 10 A HRC fuse
Output
Output Voltage
• See table
Output Voltage Trim
• See table
Initial Set Accuracy
• ±1% max
Minimum Load
• No minimum load required
Start Up Delay
• 600 ms max
Start Up Rise Time
• 150 ms max
Hold Up Time
• 18 ms min
Line Regulation
• <0.5% V min to V max
Load Regulation
• <2.0% for a 0-100% load change
Transient Response
• 2% max deviation, recovery to within
0.25% in 1 ms for a 10% load change
Ripple & Noise
• 1% pk-pk max, 20 MHz BW
Overvoltage Protection • 120% approx Vnom
Overtemperature
• Fitted to 600 W models only,
Protection
recycle mains to reset
Overload Protection
• 110% typical, constant current
Short Circuit Protection • Constant current
Temperature
• 0.02%/˚C
Coefficient
Remote On/Off
• Output inhibited by shorting
ROF pin to 0 V
Current Share
• Allows up to 5 units to share within 5%
xppower.com
General
Efficiency
• 85% typical
Isolation
• 6000 VDC Input to Output
(Y caps disconnected)
2200 VDC Input to Ground
2200 VDC Output to Chassis
Switching Frequency
• 30-35 kHz PFC, 45-55 kHz PWM
Signals
• AC OK - TTL compatible signal is high
with reference to 0 V when AC is OK
MTBF
• 105 kHrs typical per MIL-HDBK-217E
at +20 ˚C. Consult office for each model
Environmental
Operating Temperature • -20 ˚C to +70 ˚C, derate from +40 ˚C
to 50% power at +70 ˚C
Operating Humidity
• 90% RH, non-condensing
Storage Temperature
• -25 ˚C to +85 ˚C
Operating Altitude
• 3000 m
Shock
• Non operating. 100 mm drop on
to chassis face
Vibration
• Operating 5-50 Hz 0.05 mm pk-pk,
50-100 Hz 0.025 mm pk-pk
Airflow Direction
• Where fitted fans blow air into the unit
EMC & Safety
Emissions
• EN55022, level B conducted
EN55022, level A radiated
Harmonic Currents
• EN61000-3-2, class A
Voltage Flicker
• EN61000-3-3
ESD Immunity
• EN61000-4-2, level 3 Perf Criteria A
Radiated Immunity
• EN61000-4-3, level 3 Perf Criteria A
EFT/Burst
• EN61000-4-4, level 3 Perf Criteria A
Surge
• EN61000-4-5, level 3 Perf Criteria A
Conducted Immunity
• EN61000-4-6, level 3 Perf Criteria A
Dips & Interruptions
• EN61000-4-11, 30% 10 ms,
60% 100 ms, 100% 5000 ms
Perf Criteria A, B, B
Safety Approvals
• SL: UL60950, CSA22.2 No.60950
SLM: UL2601-1, CSA C22.2 No.60601-1


Similar Part No. - SLM600PS24-T

ManufacturerPart #DatasheetDescription
logo
Ningbo songle relay co....
SLM SONGLERELAY-SLM Datasheet
4Mb / 2P
   35A switching capability
logo
Banner Engineering Corp...
SLM BANNER-SLM Datasheet
543Kb / 6P
   SLM Series Slot Sensors
logo
JST Mfg. Co., Ltd.
SLM JST-SLM Datasheet
1Mb / 6P
   6.2mm pitch disconnectable crimp style wire-to-wire connectors
logo
Lapp.
SLM LAPP-SLM Datasheet
409Kb / 1P
   SKINTOP® SLM/SLRM Strain relief with metric thread
rev. 2 - 9.18.2018
logo
JST Mfg. Co., Ltd.
SLM-01T-2.0 JST-SLM-01T-2.0 Datasheet
1Mb / 6P
   6.2mm pitch disconnectable crimp style wire-to-wire connectors
More results

Similar Description - SLM600PS24-T

ManufacturerPart #DatasheetDescription
logo
Power System Technology
FAB9810012-16 PST-FAB9810012-16 Datasheet
216Kb / 3P
   Industrial / Medical
logo
List of Unclassifed Man...
SF4120 ETC2-SF4120 Datasheet
75Kb / 1P
   GENERAL PURPOSE CHASSIS MOUNTED FILTER STANDARD & MEDICAL VERSIONS
logo
Artesyn Technologies
LCM600 ARTESYN-LCM600 Datasheet
1Mb / 7P
   Industrial/Medical safety
logo
Minmax Technology Co., ...
MAU400 MINMAX-MAU400 Datasheet
710Kb / 4P
   Industrial & Medical Safety Approval
logo
Lapp.
72400001 LAPP-72400001 Datasheet
109Kb / 1P
   EPIC® SIGNAL M23 SCM/SLM
17.09.2018
logo
Banner Engineering Corp...
SLM BANNER-SLM Datasheet
543Kb / 6P
   SLM Series Slot Sensors
logo
Analog Devices
AD294 AD-AD294_15 Datasheet
3Mb / 8P
   Hybrid Industrial Medical Isolation Amplifier
logo
Ohmite Mfg. Co.
METALOHM OHMITE-METALOHM Datasheet
278Kb / 2P
   Noninductive versions
logo
List of Unclassifed Man...
SFM3300-AW ETC2-SFM3300-AW Datasheet
392Kb / 7P
   Flow range: 짹 250 slm (bidirectional)
logo
Ohmite Mfg. Co.
RES-UM OHMITE-RES-UM Datasheet
382Kb / 2P
   Special versions possible
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com