Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT71V2546S Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT71V2546S
Description  3.3V Synchronous ZBT SRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V2546S Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT71V2546S_11 Datasheet HTML 1Page - Integrated Device Technology IDT71V2546S_11 Datasheet HTML 2Page - Integrated Device Technology IDT71V2546S_11 Datasheet HTML 3Page - Integrated Device Technology IDT71V2546S_11 Datasheet HTML 4Page - Integrated Device Technology IDT71V2546S_11 Datasheet HTML 5Page - Integrated Device Technology IDT71V2546S_11 Datasheet HTML 6Page - Integrated Device Technology IDT71V2546S_11 Datasheet HTML 7Page - Integrated Device Technology IDT71V2546S_11 Datasheet HTML 8Page - Integrated Device Technology IDT71V2546S_11 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
6.42
IDT71V2546 128K x 36, 3.3V Synchronous ZBT™ SRAM
with 2.5V I/O, Burst Counter, and Pipelined Outputs
Commercial and Industrial Temperature Ranges
5
Absolute Maximum Ratings(1)
119 BGA Capacitance(1)
(TA = +25° C, f = 1.0MHz)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated
in the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
2. VDD terminals only.
3. VDDQ terminals only.
4. Input terminals only.
5. I/O terminals only.
6. This is a steady-state DC parameter that applies after the power supply has
reached its nominal operating value. Power sequencing is not necessary;
however, the voltage on any input or I/O pin cannot exceed VDDQ during power
supply ramp up.
7. TA is the "instant on" case temperature.
l
o
b
m
y
Sg
n
i
t
a
R
&
l
a
i
c
r
e
m
m
o
C
s
e
u
l
a
V
l
a
i
r
t
s
u
d
n
I
t
i
n
U
V
M
R
E
T
)
2
(
h
ti
w
e
g
a
tl
o
V
l
a
n
i
m
r
e
T
D
N
G
o
t
t
c
e
p
s
e
R
6
.
4
+
o
t
5
.
0
-V
V
M
R
E
T
)
6
,
3
(
h
ti
w
e
g
a
tl
o
V
l
a
n
i
m
r
e
T
D
N
G
o
t
t
c
e
p
s
e
R
V
o
t
5
.
0
-
D
D
V
V
M
R
E
T
)
6
,
4
(
h
ti
w
e
g
a
tl
o
V
l
a
n
i
m
r
e
T
D
N
G
o
t
t
c
e
p
s
e
R
V
o
t
5
.
0
-
D
D
5
.
0
+V
V
M
R
E
T
)
6
,
5
(
h
ti
w
e
g
a
tl
o
V
l
a
n
i
m
r
e
T
D
N
G
o
t
t
c
e
p
s
e
R
V
o
t
5
.
0
-
Q
D
D
5
.
0
+V
TA )7
(
l
a
i
c
r
e
m
m
o
C
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O
0
7
+
o
t
0
-
oC
l
a
i
r
t
s
u
d
n
I
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O
5
8
+
o
t
0
4
-
oC
T S
A
I
B
e
r
u
t
a
r
e
p
m
e
T
s
a
i
B
r
e
d
n
U
5
2
1
+
o
t
5
5
-
oC
T G
T
S
e
g
a
r
o
t
S
e
r
u
t
a
r
e
p
m
e
T
5
2
1
+
o
t
5
5
-
oC
PT
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P0
.
2W
I T
U
O
t
n
e
r
r
u
C
t
u
p
t
u
O
C
D0
5A
m
6
0
l
b
t
4
9
2
5
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
)
1
(
s
n
o
i
t
i
d
n
o
C.
x
a
Mt
i
n
U
C N
I
e
c
n
a
ti
c
a
p
a
C
t
u
p
n
IV N
I
V
d
3
=5
F
p
C O
/I
e
c
n
a
ti
c
a
p
a
C
O
/IV T
U
O
V
d
3
=7
F
p
7
0
l
b
t
4
9
2
5
100 TQFP Capacitance(1)
(TA = +25° C, f = 1.0MHz)
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
)
1
(
s
n
o
i
t
i
d
n
o
C.
x
a
Mt
i
n
U
C N
I
e
c
n
a
ti
c
a
p
a
C
t
u
p
n
IV N
I
V
d
3
=7
F
p
C O
/I
e
c
n
a
ti
c
a
p
a
C
O
/IV T
U
O
V
d
3
=7
F
p
a
7
0
l
b
t
4
9
2
5
NOTE:
1. This parameter is guaranteed by device characterization, but not production
tested.
NOTE:
1. This parameter is guaranteed by device characterization, but not production
tested.


Similar Part No. - IDT71V2546S_11

ManufacturerPart #DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
IDT71V2546SA100BG IDT-IDT71V2546SA100BG Datasheet
1,004Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
IDT71V2546SA100BGI IDT-IDT71V2546SA100BGI Datasheet
1,004Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
IDT71V2546SA100BQ IDT-IDT71V2546SA100BQ Datasheet
1,004Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
IDT71V2546SA100BQI IDT-IDT71V2546SA100BQI Datasheet
1,004Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
IDT71V2546SA100PF IDT-IDT71V2546SA100PF Datasheet
1,004Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
More results

Similar Description - IDT71V2546S_11

ManufacturerPart #DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
IDT71V2556S IDT-IDT71V2556S_11 Datasheet
293Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71V65603 IDT-IDT71V65603_08 Datasheet
368Kb / 26P
   3.3V Synchronous ZBT SRAMs
IDT71V3556S IDT-IDT71V3556S_15 Datasheet
489Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71V3548S IDT-IDT71V3548S Datasheet
490Kb / 26P
   256K x 18 3.3V Synchronous ZBT SRAM 3.3V I/O, Burst Counter Pipelined Outputs
IDT71V546S IDT-IDT71V546S_08 Datasheet
164Kb / 21P
   3.3V Synchronous SRAM
Micron Technology
Micron Technology
MT55L512L18P-1 MICRON-MT55L512L18P-1 Datasheet
497Kb / 30P
   8Mb ZBT SRAM
MT55L512L18P MICRON-MT55L512L18P Datasheet
304Kb / 25P
   8Mb ZBT SRAM
Integrated Device Technology
Integrated Device Techn...
IDT71T75702 IDT-IDT71T75702_09 Datasheet
395Kb / 26P
   Synchronous ZBT SRAMs
IDT71T75602 IDT-IDT71T75602_12 Datasheet
1Mb / 23P
   Synchronous ZBT SRAMs
IDT71V3557S IDT-IDT71V3557S_09 Datasheet
298Kb / 28P
   Synchronous ZBT SRAMs
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com