Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM4861 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part No. LM4861
Description  1.1W Audio Power Amplifier with Shutdown Mode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4861 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM4861 Datasheet HTML 1Page - National Semiconductor (TI) LM4861 Datasheet HTML 2Page - National Semiconductor (TI) LM4861 Datasheet HTML 3Page - National Semiconductor (TI) LM4861 Datasheet HTML 4Page - National Semiconductor (TI) LM4861 Datasheet HTML 5Page - National Semiconductor (TI) LM4861 Datasheet HTML 6Page - National Semiconductor (TI) LM4861 Datasheet HTML 7Page - National Semiconductor (TI) LM4861 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Typical Performance Characteristics (Continued)
Output Power vs
Load Resistance
DS011986-17
Output Power vs
Supply Voltage
DS011986-18
Power Dissipation vs
Output Power
DS011986-16
Noise Floor vs Frequency
DS011986-14
Supply Current Distribution
vs Temperature
DS011986-15
Supply Current vs
Supply Voltage
DS011986-12
Power Derating Curve
DS011986-13
Power Supply
Rejection Ratio
DS011986-20
Open Loop
Frequency Response
DS011986-19
www.national.com
5


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LM4870 1.1W Audio Power Amplifier with Shutdown Mode 1  2  3  4  5  More National Semiconductor (TI)
LM4871 1.1W Audio Power Amplifier with Shutdown Mode 1  2  3  4  5  More National Semiconductor (TI)
LM4900 265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode 1  2  3  4  5  More National Semiconductor (TI)
LM4876 1.1W Audio Power Amplifier with Shutdown Logic Low 1  2  3  4  5  More National Semiconductor (TI)
LM4880 Dual 250 mW Audio Power Amplifier with Shutdown Mode 1  2  3  4  5  More National Semiconductor (TI)
LM4882 250mW Audio Power Amplifier with Shutdown Mode 1  2  3  4  5  More National Semiconductor (TI)
LM4991 3W Audio Power Amplifier with Shutdown Mode 1  2  3  4  5  More National Semiconductor (TI)
LM4860 Series 1W Audio Power Amplifier with Shutdown Mode 1  2  3  4  5  More National Semiconductor (TI)
LM4862 675 mW Audio Power Amplifier with Shutdown Mode 1  2  3  4  5  More National Semiconductor (TI)
HWD2182 250mW Audio Power Amplifier with Shutdown Mode 1  2  3  4  5  More List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn