Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ICX409AK Datasheet(PDF) 1 Page - Sony Corporation

Part No. ICX409AK
Description  Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

ICX409AK Datasheet(HTML) 1 Page - Sony Corporation

 
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
ICX409AK
Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
Description
The ICX409AK is an interline CCD solid-state
image sensor suitable for PAL color video cameras
with a diagonal 6mm (Type 1/3) system. Compared
with the conventional
product ICX059CK, basic
characteristics such as sensitivity, smear, dynamic
range and S/N are improved drastically.
This chip features a field period readout system and
an electronic shutter with variable charge-storage
time.
This chip is suitable for applications such as surveillance
cameras, automotive cameras, etc.
Features
• High sensitivity (+6dB compared with the ICX059CK)
• Low smear (–15dB compared with the ICX059CK)
• High D range (+5dB compared with the ICX059CK)
• High S/N
• High resolution and low dark current
• Excellent antiblooming characteristics
• Ye, Cy, Mg, and G complementary color mosaic filters on chip
• Continuous variable-speed shutter
• No voltage adjustment
(Reset gate and substrate bias are not adjusted.)
• Reset gate:
5V drive
• Horizontal register: 5V drive
Device Structure
• Interline CCD image sensor
• Image size:
Diagonal 6mm (Type 1/3)
• Number of effective pixels: 752 (H)
× 582 (V) approx. 440K pixels
• Total number of pixels:
795 (H)
× 596 (V) approx. 470K pixels
• Chip size:
5.59mm (H)
× 4.68mm (V)
• Unit cell size:
6.50µm (H)
× 6.25µm (V)
• Optical black:
Horizontal (H) direction : Front 3 pixels, rear 40 pixels
Vertical (V) direction
: Front 12 pixels, rear 2 pixels
• Number of dummy bits:
Horizontal 22
Vertical 1 (even fields only)
• Substrate material:
Silicon
– 1 –
E00611B28
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Pin 1
V
3
40
2
12
Pin 9
H
Optical black position
(Top View)
16 pin DIP (Plastic)
Super HAD CCD is a trademark of Sony Corporation. The Super HAD CCD is a version of Sony's high performance CCD HAD (Hole-
Accumulation Diode) sensor with sharply improved sensitivity by the incorporation of a new semiconductor technology developed by Sony
Corporation.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn