Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ICX405AK Datasheet(PDF) 8 Page - Sony Corporation

Part No. ICX405AK
Description  Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

ICX405AK Datasheet(HTML) 8 Page - Sony Corporation

Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
– 8 –
ICX405AK
Zone Definition of Video Signal Shading
8
9
582 (V)
6
9
500 (H)
V
10
H
8
H
8
V
10
Effective pixel region
Ignored region
Zone 0, I
Zone II, II'
Measurement System
CCD
C.D.S
LPF1
LPF2
AMP
CCD signal output
Y signal output
Chroma signal output
(3dB down 4MHz)
(3dB down 1MHz)
S H
Note) Adjust the amplifier gain so that the gain between [∗A] and [∗Y] , and between [∗A] and [∗C] equals 1.
[∗A]
[∗Y]
[∗C]
S
H
Image Sensor Characteristics
(Ta = 25°C)
Item
Sensitivity
Sensitivity ratio
Saturation signal
Smear
Video signal shading
Uniformity between video
signal channels
Dark signal
Dark signal shading
Flicker Y
Flicker R-Y
Flicker B-Y
Line crawl R
Line crawl G
Line crawl B
Line crawl W
Lag
S
RMgG
RYeCy
Ysat
Sm
SHy
∆Sr
∆Sb
Ydt
∆Ydt
Fy
Fcr
Fcb
Lcr
Lcg
Lcb
Lcw
Lag
1360
0.93
1.15
1000
1700
–115
1.35
1.48
–98
20
25
10
10
2
1
2
5
5
3
3
3
3
0.5
mV
mV
dB
%
%
%
%
mV
mV
%
%
%
%
%
%
%
%
1
2
2
3
4
5
5
6
6
7
8
9
9
9
10
10
10
10
11
Ta = 60°C
Zone 0 and I
Zone 0 to II'
Ta = 60°C
Ta = 60°C
Symbol
Min.
Typ.
Max.
Unit
Measurement method
Remarks


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn