Electronic Components Datasheet Search |
|
408-6795 Datasheet(PDF) 1 Page - TE Connectivity Ltd |
|
408-6795 Datasheet(HTML) 1 Page - TE Connectivity Ltd |
1 / 4 page ©2011 Tyco Electronics Corporation, a TE Connectivity Ltd. Company All Rights Reserved *Trademark TE Connectivity, TE connectivity (logo), and TE (logo) are trademarks. Other logos, product and/or Company names may be trademarks of their respective owners. 1 of 4 Instruction Sheet TOOLING ASSISTANCE CENTER 1-800-722-1111 PRODUCT INFORMATION 1-800-522-6752 This controlled document is subject to change. For latest revision and Regional Customer Service, visit our website at www.te.com LOC B 408-6795 MTA Terminating Head 58082-1 01 SEP 11 Rev A Figure 1 1. INTRODUCTION This instruction sheet covers the operation and maintenance of TE Connectivity MTA Terminating Head 58082-1 for use in Pistol Grip Manual Handle Assembly 58074-1, or Pistol Grip Pneumatic Handle Assembly 58075-1. Read these instructions thoroughly before using the heads. Refer to the instructions packaged with the pistol grip handle assembly for head installation and removal. Dimensions in this instruction sheet are in millimeters [with inches in brackets]. Figures and illustrations are for reference only and are not drawn to scale. Reason for revision is given in Section 8, REVISION SUMMARY. 2. DESCRIPTION This head is designed to terminate wires in MTA (Mass Termination Assembly) posted connectors with contacts on 3.96 mm [.156] centers (MTA-156). See table in Figure 1. The MTA system uses the Insulation Displacement Technique which is a method of inserting unstripped wire into a slotted contact beam to form a reliable electrical connection between the conductor and contact. After the head is inserted into the pistol grip handle assembly, it serves as a guide and support for the connector during termination. Features of the head (see Figure 1) and their functions are as follows: Wire Inserter - forces wire into the two slotted beams of the contact. (Note that it provides support for the contact beams when applying insertion force on the wire.) Adjuster - is a piston for - and regulates travel of - the wire inserter. Feed Slide - automatically positions the connector after each termination. Index Pawl - aligns connector for insertion, and retains it during termination 3. SETUP ADJUSTMENTS AND TEST The adjuster (insertion rod) of the wire inserter is present for wire sizes 18 through 26 AWG. If the wire is being inserted too deep or not deep enough inside the contact, it may be necessary to adjust the depth of the wire inserter; or, if the pneumatic handle assembly is being used, it may be necessary to adjust either the air pressure or the depth of the wire inserter. 3.1. For Pistol Grip Manual Handle Assembly 1. Determine the wire size, and select the appropriate connector. (Connectors are color-coded according to the wire sizes they accommodate.) 2. Using a small knife, cut off the wire retainers (strain relief). This will provide a clear view for inspecting the connector for a properly terminated wire in the contact. See Figure 2. Wire retainers are removed to provide a connector for testing only. Do NOT use such connectors for production applications. 3. Place connector in tool and make a test termination using procedure described in Section 4, TERMINATING PROCEDURE, Steps 1 through 6. 4. Push connector out of right side of head. 5. Inspect termination in accordance with Section 5, INSPECTION, Steps 1 through 6. If you determine that the wire insertion depth is incorrect, proceed to Paragraph 3.3, Wire Insertion Depth Adjustment. WIRE SIZE (AWG) POSTED CONNECTORS (MTA-156) COLOR CODE CLOSED END FEED THROUGH 18 Orange 641435 641522 20 Yellow 641436 641523 22 Red 641437 641524 24 Natural 641438 641525 26 Blue 641439 641526 Index Pawl Feed Slide Wire Inserter Adjuster Head NOTE i CAUTION ! |
Similar Part No. - 408-6795 |
|
Similar Description - 408-6795 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |