Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC44030 Datasheet(PDF) 1 Page - Motorola, Inc

Part No. MC44030
Description  MULTISTANDARD VIDEO SIGNAL PROCESSOR WITH INTEGRATED CHROMA DELAY LINE
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MC44030 Datasheet(HTML) 1 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Device
Operating
Temperature Range
Package
MC44030
MC44035
SEMICONDUCTOR
TECHNICAL DATA
MULTISTANDARD
VIDEO SIGNAL PROCESSOR
WITH INTEGRATED
CHROMA DELAY LINE
ORDERING INFORMATION
MC44030P
TA = 0° to +70°C
Plastic DIP
P SUFFIX
PLASTIC PACKAGE
CASE 711
40
1
Order this document from Analog Marketing
MC44030FTB
TQFP–44
FTB SUFFIX
PLASTIC PACKAGE
CASE 824D
(TQFP–44)
1
44
MC44035P
Plastic DIP
MC44035FTB
TQFP–44
1
MOTOROLA ANALOG IC DEVICE DATA
Product Preview
Multistandard Video Signal
Processor with Integrated
Chroma Delay Line
The MC44030/35 is a highly advanced circuit which performs most of the
basic functions required for a color TV. All its advanced features are under
processor control via I2C bus, enabling potentiometer controls to be
removed completely and allowing significant cost savings together with the
possibility of implementing sophisticated automatic test routines.
A summary of the features available on the device is given below:
Operation from a Single 5.0 V Supply; Low Current Consumption
(Typically 150 mA)
PAL/SECAM/NTSC Decoding Capability (4 Matrix Modes Available)
Integrated Chroma Delay Line
Dual Composite Video or S–VHS Inputs
Integrated Luma and Chroma Filters (Including SECAM Cloche Filter)
Programmable Luma Delay and Peaking
RGB Drives Including CONTRAST/BRIGHTNESS Controls and Auto
Grey–Scale
External RGB and Fast Commutate Inputs with SATURATION Control
Possibility
Auxiliary Y, R–Y, B–Y Inputs
Line Timebase Featuring H–PHASE Control and Switchable Phase
Detector Gain
Countdown Type Vertical Timebase Including the Vertical Geometry
Corrections
16:9 Display Mode Capability
E–W Parabola Drive Including the Horizontal Geometry Corrections
Anode Current Monitor with Vertical Breathing Compensation
Analog Contrast Control, Allowing Fast Beam Current Limitation
Pin to Pin Compatible with MC44002/7
MC44035 is the PAL/NTSC Only Version of the MC44030
Available in DIP and TQFP Packages
This document contains information on a product under development. Motorola reserves the
right to change or discontinue this product without notice.
© Motorola, Inc. 1996
Issue 0


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn