Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY62KF08802B-DDI Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HY62KF08802B-DDI
Description  1M x 8bit 2.7 ~ 3.6V Super low Power FCMOS Slow SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY62KF08802B-DDI Datasheet(HTML) 4 Page - Hynix Semiconductor

  HY62KF08802B-DDI Datasheet HTML 1Page - Hynix Semiconductor HY62KF08802B-DDI Datasheet HTML 2Page - Hynix Semiconductor HY62KF08802B-DDI Datasheet HTML 3Page - Hynix Semiconductor HY62KF08802B-DDI Datasheet HTML 4Page - Hynix Semiconductor HY62KF08802B-DDI Datasheet HTML 5Page - Hynix Semiconductor HY62KF08802B-DDI Datasheet HTML 6Page - Hynix Semiconductor HY62KF08802B-DDI Datasheet HTML 7Page - Hynix Semiconductor HY62KF08802B-DDI Datasheet HTML 8Page - Hynix Semiconductor HY62KF08802B-DDI Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HY62KF08802B Series
Rev.00 / Jan.02
3
RECOMMENDED DC OPERATING CONDITION
Symbol
Parameter
Min.
Typ
Max.
Unit
Vcc
Supply Voltage
2.7
3.0 or 3.3
3.6
V
Vss
Ground
0
0
0
V
VIH
Input High Voltage
2.2
-
Vcc+0.3
V
VIL
Input Low Voltage
-0.3
1.
-
0.6
V
Note : 1. Undershoot : VIL = -1.5V for pulse width less than 30ns
2. Undershoot is sampled, not 100% tested.
DC ELECTRICAL CHARACTERISTICS
TA = -40
°C to 85°C
Sym
Parameter
Test Condition
Min
Typ
1.
Max
Unit
ILI
Input Leakage Current
Vss < VIN < Vcc
-1
-
1
uA
ILO
Output Leakage Current
Vss < VOUT < Vcc, /CS1 = VIH or
CS2 = VIL or /OE = VIH or /WE = VIL
-1
-
1
uA
Icc
Operating Power Supply Current
/CS1 = VIL, CS2 = VIH
VIN = VIH or VIL, II/O = 0mA
4
mA
55ns
25
mA
3.0~
3.6V
70ns
20
mA
55ns
20
mA
/CS1 = VIL, CS2 = VIH
VIN = VIH or VIL, Cycle
Time = Min,
100% Duty, II/O = 0mA
2.7~
3.3V
70ns
15
mA
ICC1
Average Operating Current
/CS1 < 0.2V, CS2 > Vcc-0.2V
VIN < 0.2V or VIN > Vcc-0.2V,
Cycle Time = 1us,
100% Duty, II/O = 0mA
3
mA
ISB
Standby Current (TTL Input)
/CS1 = VIH, CS2 = VIL
VIN = VIH or VIL
300
uA
SL
0.2
12
uA
3.0~
3.6V
LL
0.2
30
uA
SL
0.2
12
uA
ISB1
Standby Current (CMOS Input)
/CS1 > Vcc - 0.2V,
CS2 < Vss + 0.2V,
VIN > Vcc - 0.2V or
VIN < Vss + 0.2V
2.7~
3.3V
LL
0.2
25
uA
VOL
Output Low
IOL = 2.1mA
-
-
0.4
V
VOH
Output High
IOH = -1.0mA
2.4
-
-
V
Note
1. Typical values are at Vcc = 3.0V TA = 25
°C
2. Typical values are not 100% tested
CAPACITANCE
(Temp = 25
°C, f= 1.0MHz)
Symbol
Parameter
Condition
Max.
Unit
CIN
Input Capacitance (Add, /CS1,CS2, /WE, /OE)
VIN = 0V
8
pF
COUT
Output Capacitance (I/O)
VI/O = 0V
10
pF
Note : These parameters are sampled and not 100% tested


Similar Part No. - HY62KF08802B-DDI

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62KF08401C HYNIX-HY62KF08401C Datasheet
153Kb / 10P
   512Kx8bit full CMOS SRAM
HY62KF08401C-DI HYNIX-HY62KF08401C-DI Datasheet
153Kb / 10P
   512Kx8bit full CMOS SRAM
HY62KF08401C-DS HYNIX-HY62KF08401C-DS Datasheet
153Kb / 10P
   512Kx8bit full CMOS SRAM
HY62KF08401C-I HYNIX-HY62KF08401C-I Datasheet
153Kb / 10P
   512Kx8bit full CMOS SRAM
HY62KF08401C-SI HYNIX-HY62KF08401C-SI Datasheet
153Kb / 10P
   512Kx8bit full CMOS SRAM
More results

Similar Description - HY62KF08802B-DDI

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62SF16404E HYNIX-HY62SF16404E Datasheet
184Kb / 10P
   256K x16 bit 1.65 ~ 2.3V Super Low Power FCMOS Slow SRAM
logo
Wing Shing Computer Com...
WS62256 WINGS-WS62256 Datasheet
353Kb / 9P
   Very Low Power / Voltage CMOS SRAM 32K X 8bit
logo
Samsung semiconductor
K6F1616U6C SAMSUNG-K6F1616U6C Datasheet
156Kb / 10P
   16Mb(1M x 16 bit) Low Power SRAM
logo
Winbond
W964B6BBN WINBOND-W964B6BBN Datasheet
961Kb / 30P
   1M WORD X 16BIT LOW POWER PSEUDO SRAM
logo
Brilliance Semiconducto...
BS616LV1611 BSI-BS616LV1611_08 Datasheet
231Kb / 11P
   Very Low Power CMOS SRAM 1M X 16 bit
BS616LV1611 BSI-BS616LV1611_06 Datasheet
164Kb / 11P
   Very Low Power CMOS SRAM 1M X 16 bit
BS62LV8001 BSI-BS62LV8001_08 Datasheet
243Kb / 10P
   Very Low Power CMOS SRAM 1M X 8 bit
BS62LV8001 BSI-BS62LV8001_06 Datasheet
204Kb / 10P
   Very Low Power CMOS SRAM 1M X 8 bit
logo
Hynix Semiconductor
HY62SF16804B HYNIX-HY62SF16804B Datasheet
311Kb / 10P
   512K x16 bit 1.8V Super Low Power Full CMOS slow SRAM
HY64UD16162B HYNIX-HY64UD16162B Datasheet
285Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com