Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDL400PD0524 Datasheet(PDF) 4 Page - XP Power Limited

Part # SDL400PD0524
Description  Single & Dual Outputs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

SDL400PD0524 Datasheet(HTML) 4 Page - XP Power Limited

  SDL400PD0524 Datasheet HTML 1Page - XP Power Limited SDL400PD0524 Datasheet HTML 2Page - XP Power Limited SDL400PD0524 Datasheet HTML 3Page - XP Power Limited SDL400PD0524 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Remote On / Off
PG
CN1
+5 V
1 K
RTN
POWER NOT GOOD
POWER GOOD
INH
CN1
PSU
RTN
OUTPUT OFF (0V or short)
OUTPUT ON
(5V or open)
Application Notes
FF
CN1
RTN
FAN OK
FAN FAILED
Sink current = 6 mA
Source current = 1 mA
Open collector signal, maximum rating 28 VDC/5 mA
Note:
1. Applying <0.3 V or short between the pins turns the output OFF.
2. Applying >4.5 V or open circuit between the pins turns output ON.
Power Good
Fan Fail
39.90 (1.57)
152.40 (6.00)
101.60 (4.00)
B
A
A
A
A
25.40 (1.00)
TERMINAL BLOCK
7PINS 9.5mm CENTER
Option D
Mating part JST VHR-10N and VHR-5N
(PINS 2,4 NOT USED)
CN2
FAN1
+ -
FAN1
+ -
CN1
A: Mounting hole
6 Places M4 x 0.7
101.60 (4.00)
25.40 (1.00)
A
A
CN1
PIN 1
PIN 2
PIN 3
PIN 4
PIN 5
PIN 6
PIN 7
PIN 8
PIN 9
PIN 10
PIN 1
PIN 3
PIN 5
PIN 1
PIN 2
PIN 3
PIN 4
PIN 5
PIN 6
PIN 7
L
N
G
VO-
VO+
14-Jun-16
U-Channel with cover (‘-C’Option)
SDL400
Mechanical Details
Signal Connector mating part is JST XHP-4
Fan Connector mating part is JST XHP-2, Crimp terminals SXH-002T-P0.6
All dimensions are in inches (mm)
Weight: 720 g (1.59 lbs)
Tolerance: ±0.012 in (±0.3 mm)
Max screw terminal torque: 15.7 lbs-in (1.8 Nm)
Max screw mount hole penetration : 0.16 (4.0)
PIN CONNECTIONS
Pin
Standard
JST (Option D)
Single
Dual
Single
Dual
1
Vout
Vout1
Vout
Vout1
2
Vout
Rtn
Vout
Vout1
3
Rtn
Rtn
Vout
Vout1
4
Rtn
Vout2
Vout
Rtn
5
Ground
Ground
Vout
Rtn
6
Neutral
Neutral
Rtn
Rtn
7
Live
Live
Rtn
Rtn
8
Rtn
Rtn
9
Rtn
Vout2
10
Rtn
Vout2
5 PIN AC INPUT CONNECTIONS
Pin
Standard
JST (Option D)
Single
Dual
Single
Dual
1
Ground
Ground
3
Neutral
Neutral
5
Live
Live


Similar Part No. - SDL400PD0524

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
SDL400 XPPOWER-SDL400 Datasheet
731Kb / 4P
   Single & Dual Outputs, Up to 700 W Peak Power, Fan Fail & Power Good Signals
logo
Extech Instruments Corp...
SDL400 EXTECH-SDL400_15 Datasheet
147Kb / 1P
   Light Meter/Datalogger
More results

Similar Description - SDL400PD0524

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANCW15 WALL-LANCW15_16 Datasheet
276Kb / 5P
   Single and Dual Outputs
DCHF10W WALL-DCHF10W_16 Datasheet
177Kb / 4P
   Single and Dual Outputs
LANCUW8 WALL-LANCUW8_16 Datasheet
417Kb / 5P
   Single and Dual Outputs
LANCUW15 WALL-LANCUW15_16 Datasheet
232Kb / 5P
   Single and Dual Outputs
LANCW5 WALL-LANCW5_11 Datasheet
261Kb / 4P
   Single and Dual Outputs
ELANC WALL-ELANC_16 Datasheet
153Kb / 4P
   Single and Dual Outputs
DCMUA WALL-DCMUA_16 Datasheet
225Kb / 5P
   Single and Dual Outputs
DCREDUW20 WALL-DCREDUW20 Datasheet
438Kb / 5P
   Single and Dual Outputs
logo
XP Power Limited
ISP XPPOWER-ISP Datasheet
91Kb / 1P
   Single and Dual Regulated Outputs
logo
Emcore Corporation
6000-0IE1 EMCORE-6000-0IE1 Datasheet
819Kb / 6P
   Single or Dual Optical Outputs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com