Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHP350PS36 Datasheet(PDF) 10 Page - XP Power Limited

Part # SHP350PS36
Description  420 W High Line Output Power
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

SHP350PS36 Datasheet(HTML) 10 Page - XP Power Limited

Back Button SHP350PS36 Datasheet HTML 6Page - XP Power Limited SHP350PS36 Datasheet HTML 7Page - XP Power Limited SHP350PS36 Datasheet HTML 8Page - XP Power Limited SHP350PS36 Datasheet HTML 9Page - XP Power Limited SHP350PS36 Datasheet HTML 10Page - XP Power Limited SHP350PS36 Datasheet HTML 11Page - XP Power Limited SHP350PS36 Datasheet HTML 12Page - XP Power Limited SHP350PS36 Datasheet HTML 13Page - XP Power Limited SHP350PS36 Datasheet HTML 14Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Figure 1
2
xppower.com
Input Characteristics
Input Derating Curve
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage - Operating
85
115/230
264
VAC
Derate output power < 90 VAC. See fig. 1.
Input Frequency
47
50/60
63
Hz
Agency approval, 47-63 Hz
Power Factor
>0.9
EN61000-3-2 class A compliant
EN61000-3-2 class C for loads ≥10%
Input Current - No Load
0.15/0.3
A
115/230 VAC
Input Current - Full Load
6.5/3.2
A
115/230 VAC
Inrush Current
40
A
230 VAC cold start, 25
ºC
Earth Leakage Current
0.3/0.5
0.75
mA
115/230 VAC/50 Hz (Typ.), 264 VAC/60 Hz (Max.)
Input Protection
T16 A / 250 V internal in-line fuse
Models and Ratings
End Fan Models (-EF)
Output Voltage V1
Max Output
Current V1
Fan Supply V2
Standby Supply V3
Max Output Power
Model Number
12 V
50.0 A
Not Available
5 V / 0.2 A
607 W
SHP650PS12-EF
15 V
40.0 A
Not Available
5 V / 0.2 A
607 W
SHP650PS15-EF
24 V
27.0 A
Not Available
5 V / 0.2 A
657 W
SHP650PS24-EF
28 V
23.0 A
Not Available
5 V / 0.2 A
651 W
SHP650PS28-EF
36 V
18.0 A
Not Available
5 V / 0.2 A
657 W
SHP650PS36-EF
48 V
13.5 A
Not Available
5 V / 0.2 A
657 W
SHP650PS48-EF
Top Fan Models (-TF)
Output Voltage V1
Max Output
Current V1
Fan Supply V2
Standby Supply V3
Max Output Power
Model Number
12 V
50.0 A
Not Available
5 V / 0.2 A
607 W
SHP650PS12-TF
15 V
40.0 A
Not Available
5 V / 0.2 A
607 W
SHP650PS15-TF
24 V
27.0 A
Not Available
5 V / 0.2 A
657 W
SHP650PS24-TF
28 V
23.0 A
Not Available
5 V / 0.2 A
651 W
SHP650PS28-TF
36 V
18.0 A
Not Available
5 V / 0.2 A
657 W
SHP650PS36-TF
48 V
13.5 A
Not Available
5 V / 0.2 A
657 W
SHP650PS48-TF
U Channel Models
Output Voltage V1
Max Output
Current V1
Fan Supply V2
Standby Supply V3
Max Output Power(1)
Model Number
12 V
50.0 A
12 V / 0.5 A
5 V / 0.2 A
601 W
SHP650PS12
15 V
40.0 A
12 V / 0.5 A
5 V / 0.2 A
601 W
SHP650PS15
24 V
27.0 A
12 V / 0.5 A
5 V / 0.2 A
651 W
SHP650PS24
28 V
23.0 A
12 V / 0.5 A
5 V / 0.2 A
655 W
SHP650PS28
36 V
18.0 A
12 V / 0.5 A
5 V / 0.2 A
651 W
SHP650PS36
48 V
13.5 A
12 V / 0.5 A
5 V / 0.2 A
651 W
SHP650PS48
1. U Channel models require a minimum of 5.5 m/s airflow from the system for cooling
90
85
264
Input Voltage (VAC)
40
50
80
60
70
90
100


Similar Part No. - SHP350PS36

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
SHP350PS36 XPPOWER-SHP350PS36 Datasheet
654Kb / 5P
   350-1200 Watts SHP Series
SHP350PS36 XPPOWER-SHP350PS36 Datasheet
360Kb / 5P
   3501200 Watts
More results

Similar Description - SHP350PS36

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MBC600 BEL-MBC600 Datasheet
713Kb / 11P
   600 W standard, 420 W convection cooled
ABC600 BEL-ABC600_V01 Datasheet
711Kb / 12P
   600 W standard, 420 W convection cooled
logo
Infineon Technologies A...
PTFA041501GL INFINEON-PTFA041501GL_09 Datasheet
502Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420-500 MHz
Rev. 03, 2009-04-21
PTFA041501E INFINEON-PTFA041501E Datasheet
437Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420 ??500 MHz
Rev. 01.1, 2010-01-20
PTFA041501GL INFINEON-PTFA041501GL Datasheet
424Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420 ??500 MHz
Rev. 02, 2008-11-21
logo
NEC
UPD160062 NEC-UPD160062 Datasheet
217Kb / 18P
   420-OUTPUT TFT-LCD SOURCE DRIVER
logo
Infineon Technologies A...
PXAD184218FV INFINEON-PXAD184218FV Datasheet
339Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 420 W, 28 V, 1805 ??1880 MHz
Rev. 02.1, 2016-12-07
logo
ANADIGICS, Inc
ACA2404 ANADIGICS-ACA2404 Datasheet
272Kb / 12P
   High Output Power Doubler Line Amplifier
logo
WOLFSPEED, INC.
PXAD184218FV WOLFSPEED-PXAD184218FV Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 420 W, 28 V, 1805 – 1880 MHz
Rev. 04, 2023-06-26
logo
Cree, Inc
PXAD184218FV CREE-PXAD184218FV Datasheet
465Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 420 W, 28 V, 1805 ??1880 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com