Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCQ50110S12 Datasheet(PDF) 3 Page - XP Power Limited

Part # RCQ50110S12
Description  DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

RCQ50110S12 Datasheet(HTML) 3 Page - XP Power Limited

  RCQ50110S12 Datasheet HTML 1Page - XP Power Limited RCQ50110S12 Datasheet HTML 2Page - XP Power Limited RCQ50110S12 Datasheet HTML 3Page - XP Power Limited RCQ50110S12 Datasheet HTML 4Page - XP Power Limited RCQ50110S12 Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RCQ50 Series
www.xppower.com
DC-DC Converter
3
EMC: Immunity
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
IT Equipment
EN55024
High severity, as below
Railway Equipment
EN50121-3-2
Electomagnetic compatibility for rolling stock
apparatus
ESD
EN61000-4-2
±8 kV air discharge, ±6 kV contact
A
Radiated
EN61000-4-3
10 V/m
A
EFT/Burst
EN61000-4-4
±2 kV
A
With external capacitor,
suggested part is CHEMI-CON KY 470µF/100V
Surge
EN61000-4-5
±1 kV
A
With external capacitor,
suggested part is CHEMI-CON KY 470µF/100V
Conducted
EN61000-4-6
10 V rms
A
Safety Approvals
Safety Agency
Safety Standard
Notes & Conditions
CB Report
IEC60950-1
Information Technology
UL
UL/cUL60950-1
Information Technology
Safety Agency
Safety Standard
Notes & Conditions
CB Report
IEC60571
Railway Applications
EN
EN50155
Railway Applications, Electronic Equipment used on Rolling Stock
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Baseplate Temperature
-40
+105
°C
See Derating Curve.
Storage Temperature
-50
+125
°C
Overtemperature Protection
+110
°C
Humidity
95
%RH
Non-condensing
Cooling
IEC/EN 60068-2-1
Dry Heat
IEC/EN 60068-2-2
Damp Heat
IEC/EN 60068-2-30
Shock
IEC/EN 61373
Vibration
EN 45545-2
Thermal Impedance to Air
7.5/6.8
°C/W
No heatsink / with heatsink
EMC: Emissions
Phenomenon
Standard
Test Level
Notes & Conditions
IT Equipment
EN55022
A
Conducted & Radiated, see Application Notes
Railway Equipment
EN50121-3-2
Conducted & Radiated


Similar Part No. - RCQ50110S12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
RCQ75 XPPOWER-RCQ75 Datasheet
503Kb / 5P
   RCQ75 Series DC-DC Converter
RCQ75110S05 XPPOWER-RCQ75110S05 Datasheet
503Kb / 5P
   RCQ75 Series DC-DC Converter
RCQ75110S12 XPPOWER-RCQ75110S12 Datasheet
503Kb / 5P
   RCQ75 Series DC-DC Converter
RCQ75110S15 XPPOWER-RCQ75110S15 Datasheet
503Kb / 5P
   RCQ75 Series DC-DC Converter
RCQ75110S24 XPPOWER-RCQ75110S24 Datasheet
503Kb / 5P
   RCQ75 Series DC-DC Converter
More results

Similar Description - RCQ50110S12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com