Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHP350PS24 Datasheet(PDF) 2 Page - XP Power Limited

Part # SHP350PS24
Description  420 W High Line Output Power
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

SHP350PS24 Datasheet(HTML) 2 Page - XP Power Limited

  SHP350PS24 Datasheet HTML 1Page - XP Power Limited SHP350PS24 Datasheet HTML 2Page - XP Power Limited SHP350PS24 Datasheet HTML 3Page - XP Power Limited SHP350PS24 Datasheet HTML 4Page - XP Power Limited SHP350PS24 Datasheet HTML 5Page - XP Power Limited SHP350PS24 Datasheet HTML 6Page - XP Power Limited SHP350PS24 Datasheet HTML 7Page - XP Power Limited SHP350PS24 Datasheet HTML 8Page - XP Power Limited SHP350PS24 Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Figure 1
2
xppower.com
Input Characteristics
Input Derating Curve
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage - Operating
85
115/230
264
VAC
Derate output power < 90 VAC. See fig. 1.
Input Frequency
47
50/60
63
Hz
Power Factor
>0.9
EN61000-3-2 class A compliant,
Class C compliant ≥10% load
Input Current - No Load
0.15
A
Input Current - Full Load
(350 W)
3.8/2.1
A
115/230 VAC
Inrush Current
60
A
230 VAC cold start, 25
ºC
Earth Leakage Current
150/260
500
μA
115/230 VAC/50 Hz (Typ.), 264 VAC/60 Hz (Max.)
Input Protection
T10 A/250 V internal fuse in both lines
Models and Ratings
Output Voltage V1
Output Current V1
Standby Supply V2
Output Power
Model Number
Continuous
Peak
12 V
26.5 A
5 V / 0.2 A
318 W
SHP350PS12
15 V
22.0 A
5 V / 0.2 A
330 W
SHP350PS15
24 V
14.5 A
5 V / 0.2 A
348 W
417 W
SHP350PS24
28 V
12.5 A
5 V / 0.2 A
350 W
420 W
SHP350PS28
36 V
9.7 A
5 V / 0.2 A
350 W
420 W
SHP350PS36
48 V
7.3 A
5 V / 0.2 A
350 W
420 W
SHP350PS48
90
85
264
Input Voltage (VAC)
40
50
80
60
70
90
100


Similar Part No. - SHP350PS24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
SHP350PS24 XPPOWER-SHP350PS24 Datasheet
654Kb / 5P
   350-1200 Watts SHP Series
SHP350PS24 XPPOWER-SHP350PS24 Datasheet
360Kb / 5P
   3501200 Watts
More results

Similar Description - SHP350PS24

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MBC600 BEL-MBC600 Datasheet
713Kb / 11P
   600 W standard, 420 W convection cooled
ABC600 BEL-ABC600_V01 Datasheet
711Kb / 12P
   600 W standard, 420 W convection cooled
logo
Infineon Technologies A...
PTFA041501GL INFINEON-PTFA041501GL_09 Datasheet
502Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420-500 MHz
Rev. 03, 2009-04-21
PTFA041501E INFINEON-PTFA041501E Datasheet
437Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420 ??500 MHz
Rev. 01.1, 2010-01-20
PTFA041501GL INFINEON-PTFA041501GL Datasheet
424Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420 ??500 MHz
Rev. 02, 2008-11-21
logo
NEC
UPD160062 NEC-UPD160062 Datasheet
217Kb / 18P
   420-OUTPUT TFT-LCD SOURCE DRIVER
logo
Infineon Technologies A...
PXAD184218FV INFINEON-PXAD184218FV Datasheet
339Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 420 W, 28 V, 1805 ??1880 MHz
Rev. 02.1, 2016-12-07
logo
ANADIGICS, Inc
ACA2404 ANADIGICS-ACA2404 Datasheet
272Kb / 12P
   High Output Power Doubler Line Amplifier
logo
WOLFSPEED, INC.
PXAD184218FV WOLFSPEED-PXAD184218FV Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 420 W, 28 V, 1805 – 1880 MHz
Rev. 04, 2023-06-26
logo
Cree, Inc
PXAD184218FV CREE-PXAD184218FV Datasheet
465Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 420 W, 28 V, 1805 ??1880 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com