Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-3180-500 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HCPL-3180-500
Description  Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-3180-500 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HCPL-3180-500 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-3180-500 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-3180-500 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-3180-500 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-3180-500 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-3180-500 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-3180-500 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-3180-500 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-3180-500 Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
Figure 5. IOL Vs Temperature
Figure 6. VOL Vs IOL
Figure 7. ICC Vs Temperature
Figure 8. ICC Vs VCC
Figure 9. IFLH Vs Temperature
Figure 10. Propagation Delay Vs VCC
0
0.5
1
1.5
2
2.5
3
-40
-20
0
20
406080
100
TA
VF(OFF) = -3.0 TO 0.8V
VOUT = 2.5V
VCC = 10 to 20V
VEE = 0
0
1
2
3
4
00.5
11.5
22.5
IOL - OUTPUT LOW CURRENT - A
25 C
0 C
100 C
VF(OFF) = -3 to 0.8V
VCC=10 to 20 V
VEE=0V
0
0.5
1
1.5
2
2.5
3
3.5
4
-40
-20
0
204060
80
100
TA - TEMPERATURE - oC
ICCH
ICCL
VCC=20V
VEE=0V
IF=10mA for ICCH
IF=0mA for ICCL
2.5
2.7
2.9
3.1
3.3
3.5
10
12
14
16
18
20
VCC - SUPPLY VOLTAGE - V
ICCL
ICCH
IF=10mA for ICCH
IF=0mA for ICCL
TA=25°C
VEE=0V
0
1
2
3
4
5
-40
-20
0
2040
6080
100
TA - TEMPERATURE - °C
VCC= 10 to 20V
VEE= 0V
Output= Open
50
100
150
200
250
10
15
20
25
VCC- SUPPLY VOLTAGE -V
TPLH
TPHL
IF=10mA
TA=25°C
Rg=10ohm
Cg=10nF
Duty Cycle=50%
f=250KHZ


Similar Part No. - HCPL-3180-500

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3180-500E AVAGO-HCPL-3180-500E Datasheet
259Kb / 16P
   2.5 Amp Output Current, High Speed, Gate Drive Optocoupler
More results

Similar Description - HCPL-3180-500

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3140 AVAGO-HCPL-3140 Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler High speed response
logo
Diodes Incorporated
FOD3184 DIODES-FOD3184 Datasheet
658Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
Fairchild Semiconductor
FOD3184S FAIRCHILD-FOD3184S Datasheet
746Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
Solid State Optronic
SG8080 SSOUSA-SG8080 Datasheet
745Kb / 15P
   IGBT Gate Drive Optocoupler
SG8050 SSOUSA-SG8050 Datasheet
734Kb / 15P
   IGBT Gate Drive Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-T251 HP-HCPL-T251 Datasheet
177Kb / 6P
   0.4AMP OUTPUT CURRENT IGBT GATE DRIVE OPTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
ACNW3190 AVAGO-ACNW3190 Datasheet
1,004Kb / 16P
   5.0 Amp High Output Current IGBT Gate Drive Optocoupler
HCPL-3180-000E AVAGO-HCPL-3180-000E Datasheet
259Kb / 16P
   2.5 Amp Output Current, High Speed, Gate Drive Optocoupler
logo
ON Semiconductor
FOD8342 ONSEMI-FOD8342 Datasheet
444Kb / 21P
   3.0 A Output Current, High Speed Gate Drive Optocoupler
March 2016 Rev. 1.1
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3180-360 AVAGO-HCPL-3180-360 Datasheet
259Kb / 16P
   2.5 Amp Output Current, High Speed, Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com