Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL3180 Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HCPL3180
Description  Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL3180 Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HCPL3180 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 15Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
Figure 17. IOH Test Circuit
Figure 18. IOL Test Circuit
Figure 19. VOH Test Circuit
4V/10V
1
2
3
4
8
7
6
5
Shield
0,1 µF
V
CC
=10 to 20V
+
-
IoH
+
-
I
F=10mA to
16mA
2.5V/10V
1
2
3
4
8
7
6
5
Shield
0,1 µF
V
CC=10 to 20V
+
-
IoL
+
-
100mA
1
2
3
4
8
7
6
5
Shield
0,1 µF
V
CC=10 to 20V
+
-
V
OH
I
F=10mA to
16mA


Similar Part No. - HCPL3180

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL3120 HP-HCPL3120 Datasheet
490Kb / 18P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL3140 HP-HCPL3140 Datasheet
249Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL3150 HP-HCPL3150 Datasheet
253Kb / 15P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL3160 HP-HCPL3160 Datasheet
156Kb / 4P
   2.0 Amp IGBT Gate Drive Optocoupler with Integrated Over-current Protection and Fault Feedback
HCPL316J HP-HCPL316J Datasheet
504Kb / 33P
   2.0 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
More results

Similar Description - HCPL3180

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3140 AVAGO-HCPL-3140 Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler High speed response
logo
Diodes Incorporated
FOD3184 DIODES-FOD3184 Datasheet
658Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
Fairchild Semiconductor
FOD3184S FAIRCHILD-FOD3184S Datasheet
746Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
Solid State Optronic
SG8080 SSOUSA-SG8080 Datasheet
745Kb / 15P
   IGBT Gate Drive Optocoupler
SG8050 SSOUSA-SG8050 Datasheet
734Kb / 15P
   IGBT Gate Drive Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-T251 HP-HCPL-T251 Datasheet
177Kb / 6P
   0.4AMP OUTPUT CURRENT IGBT GATE DRIVE OPTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
ACNW3190 AVAGO-ACNW3190 Datasheet
1,004Kb / 16P
   5.0 Amp High Output Current IGBT Gate Drive Optocoupler
HCPL-3180-000E AVAGO-HCPL-3180-000E Datasheet
259Kb / 16P
   2.5 Amp Output Current, High Speed, Gate Drive Optocoupler
logo
ON Semiconductor
FOD8342 ONSEMI-FOD8342 Datasheet
444Kb / 21P
   3.0 A Output Current, High Speed Gate Drive Optocoupler
March 2016 Rev. 1.1
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3180-360 AVAGO-HCPL-3180-360 Datasheet
259Kb / 16P
   2.5 Amp Output Current, High Speed, Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com