Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8252ACH-I6T1U Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-8252ACH-I6T1U
Description  BATTERY PROTECTION IC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8252ACH-I6T1U Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-8252ACH-I6T1U Datasheet HTML 6Page - Seiko Instruments Inc S-8252ACH-I6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-8252ACH-I6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-8252ACH-I6T1U Datasheet HTML 9Page - Seiko Instruments Inc S-8252ACH-I6T1U Datasheet HTML 10Page - Seiko Instruments Inc S-8252ACH-I6T1U Datasheet HTML 11Page - Seiko Instruments Inc S-8252ACH-I6T1U Datasheet HTML 12Page - Seiko Instruments Inc S-8252ACH-I6T1U Datasheet HTML 13Page - Seiko Instruments Inc S-8252ACH-I6T1U Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
S-8252 Series
Rev.3.2_00
10
2. Ta =
−40°C to +85°C
*1
Table 10
(Ta =
−40°C to +85°C
*1 unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
DETECTION VOLTAGE
Overcharge detection voltage n (n = 1, 2)
VCUn
VCU
− 0.045 VCU VCU + 0.030
V
1
Overcharge release voltage n (n = 1, 2)
VCLn
VCL
≠ VCU
VCL
− 0.070 VCL
VCL
+ 0.040
V
1
VCL = VCU
VCL
− 0.050 VCL
VCL
+ 0.030
V
1
Overdischarge detection voltage n (n =1, 2) VDLn
VDL
− 0.085 VDL
VDL
+ 0.060
V
2
Overdischarge release voltage n (n =1, 2)
VDUn
VDL
≠ VDU
VDU
− 0.140 VDU VDU + 0.110
V
2
VDL = VDU
VDU
− 0.085 VDU VDU + 0.060
V
2
Discharge overcurrent detection voltage
VDIOV
VDIOV
− 0.010 VDIOV VDIOV + 0.010 V
2
Load short-circuiting detection voltage
VSHORT
0.400
0.500
0.600
V
2
DETECTION VOLTAGE (WITH CHARGE OVERCURRENT DETECTION FUNCTION)
Charge overcurrent detection voltage
VCIOV
VCIOV
− 0.020 VCIOV VCIOV + 0.020 V
2
DETECTION VOLTAGE (WITHOUT CHARGE OVERCURRENT DETECTION FUNCTION)
Charger detection voltage
VCHA
−1.2
−0.7
−0.2
V
2
0 V BATTERY CHARGE FUNCTION
0 V battery charge starting charger voltage V0CHA
0 V battery charge function
"available"
0.0
0.7
1.5
V
2
0 V battery charge inhibition battery voltage V0INH
0 V battery charge function
"unavailable"
0.3
0.8
1.3
V
2
INTERNAL RESISTANCE
Resistance between VM pin and VDD pin
RVMD
V1 = V2 = 1.8 V, V3 = 0 V
78
300
1310
k
Ω
3
Resistance between VM pin and VSS pin
RVMS
V1 = V2 = 3.5 V, V3 = 1.0 V
7.2
20
44
k
Ω
3
INPUT VOLTAGE
Operation voltage between VDD pin and
VSS pin
VDSOP1
1.5
10
V
INPUT CURRENT (WITH POWER-DOWN FUNCTION)
Current consumption during operation
IOPE
V1 = V2 = 3.5 V, V3 = 0 V
4.5
8.5
μA2
Current consumption during power-down
IPDN
V1 = V2 = 1.5 V, V3 = 3.0 V
0.15
μA
2
VC pin current
IVC
V1 = V2 = 3.5 V, V3 = 0 V
0.0
1.2
2.0
μA
2
INPUT CURRENT (WITHOUT POWER-DOWN FUNCTION)
Current consumption during operation
IOPE
V1 = V2 = 3.5 V, V3 = 0 V
4.5
8.5
μA2
Current consumption during overdischarge IOPED
V1 = V2 = 1.5 V, V3 = 3.0 V
2.5
5.5
μA2
VC pin current
IVC
V1 = V2 = 3.5 V, V3 = 0 V
0.0
1.2
2.0
μA
2
OUTPUT RESISTANCE
CO pin resistance "H"
RCOH
V1 = V2 = 3.5 V,
V3 = 0 V, V4 = 6.5 V
1.2
5
15
k
Ω
4
CO pin resistance "L"
RCOL
V1 = V2 = 4.7 V,
V3 = 0 V, V4 = 0.5 V
1.2
5
15
k
Ω
4
DO pin resistance "H"
RDOH
V1 = V2 = 3.5 V,
V3 = 0 V, V5 = 6.5 V
2.4
10
30
k
Ω
4
DO pin resistance "L"
RDOL
V1 = V2 = 1.8 V,
V3 = 3.6 V, V5 = 0.5 V
2.4
10
30
k
Ω
4
DELAY TIME
Overcharge detection delay time
tCU
tCU
× 0.3
tCU
tCU
× 2.0
5
Overdischarge detection delay time
tDL
tDL
× 0.3
tDL
tDL
× 2.0
5
Discharge overcurrent detection delay time tDIOV
tDIOV
× 0.3
tDIOV
tDIOV
× 2.0
5
Load short-circuiting detection delay time
tSHORT
tSHORT
× 0.3 tSHORT tSHORT × 2.0
5
Charge overcurrent detection delay time
tCIOV
tCIOV
× 0.3
tCIOV
tCIOV
× 2.0
5
*1. Since products are not screened at high and low temperature, the specification for this temperature range is guaranteed by
design, not tested in production.


Similar Part No. - S-8252ACH-I6T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8252ACH-I6T1U ABLIC-S-8252ACH-I6T1U Datasheet
614Kb / 37P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.3.9_00
More results

Similar Description - S-8252ACH-I6T1U

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP8207 UPI-UP8207 Datasheet
240Kb / 17P
   Battery Protection IC
logo
Seiko Instruments Inc
S-8205AAA-TCT1U SII-S-8205AAA-TCT1U Datasheet
2Mb / 33P
   BATTERY PROTECTION IC
S-8209BAA-T8T1Y SII-S-8209BAA-T8T1Y Datasheet
1Mb / 26P
   BATTERY PROTECTION IC
logo
Unisonic Technologies
UB209B UTC-UB209B_15 Datasheet
244Kb / 9P
   BATTERY PROTECTION IC
logo
Shenzhen Guan Hua Wei Y...
WSTDW01 WIINSOK-WSTDW01 Datasheet
1Mb / 7P
   battery protection IC
logo
Seiko Instruments Inc
S-8211EAC-M5T1U SII-S-8211EAC-M5T1U Datasheet
1Mb / 29P
   BATTERY PROTECTION IC
S8204A SII-S8204A Datasheet
650Kb / 34P
   BATTERY PROTECTION IC
S8211D SII-S8211D Datasheet
1Mb / 38P
   BATTERY PROTECTION IC
S-8211CAA-M5T1X SII-S-8211CAA-M5T1X Datasheet
2Mb / 43P
   BATTERY PROTECTION IC
S-8243AACFT-TB-X SII-S-8243AACFT-TB-X Datasheet
2Mb / 35P
   BATTERY PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com