Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8240ACR-I6T1U Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-8240ACR-I6T1U
Description  BATTERY PROTECTION IC FOR 1-CELL PACK
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8240ACR-I6T1U Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-8240ACR-I6T1U Datasheet HTML 4Page - Seiko Instruments Inc S-8240ACR-I6T1U Datasheet HTML 5Page - Seiko Instruments Inc S-8240ACR-I6T1U Datasheet HTML 6Page - Seiko Instruments Inc S-8240ACR-I6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-8240ACR-I6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-8240ACR-I6T1U Datasheet HTML 9Page - Seiko Instruments Inc S-8240ACR-I6T1U Datasheet HTML 10Page - Seiko Instruments Inc S-8240ACR-I6T1U Datasheet HTML 11Page - Seiko Instruments Inc S-8240ACR-I6T1U Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
BATTERY PROTECTION IC FOR 1-CELL PACK
S-8240A Series
Rev.2.1_01
8
3. 3 HSNT-6 (1212)
Table 4 (1 / 2)
Product Name
Overcharge
Detection
Voltage
[VCU]
Overcharge
Release
Voltage
[VCL]
Overdischarge
Detection
Voltage
[VDL]
Overdischarge
Release
Voltage
[VDU]
Discharge
Overcurrent
Detection Voltage
[VDIOV]
Load Short-
circuiting
Detection
Voltage
[VSHORT]
Charge
Overcurrent
Detection
Voltage
[VCIOV]
S-8240AAC-A6T2U
4.420 V
4.220 V
2.500 V
2.900 V
0.050 V
0.300 V
−0.040 V
S-8240AAD-A6T2U
4.420 V
4.220 V
2.500 V
2.900 V
0.050 V
0.300 V
−0.040 V
S-8240ABO-A6T2U
4.425 V
4.225 V
3.300 V
3.300 V
0.050 V
0.250 V
−0.050 V
Table 4 (2 / 2)
Product Name
Delay Time
Combination
*1
0 V Battery
Charge Function
Power-down Function
Release Condition
of Discharge
Overcurrent Status
Release Voltage of
Discharge Overcurrent
Status
S-8240AAC-A6T2U
(2)
Available
Unavailable
Load disconnection
VRIOV
S-8240AAD-A6T2U
(2)
Unavailable
Unavailable
Load disconnection
VRIOV
S-8240ABO-A6T2U
(4)
Available
Available
Load disconnection
VDIOV
*1. Refer to Table 5 about the details of the delay time combinations.
Remark Please contact our sales office for the products with detection voltage value other than those specified above.
Table 5
Delay Time
Combination
Overcharge
Detection
Delay Time
[tCU]
Overdischarge
Detection
Delay Time
[tDL]
Discharge Overcurrent
Detection
Delay Time
[tDIOV]
Load Short-circuiting
Detection
Delay Time
[tSHORT]
Charge Overcurrent
Detection
Delay Time
[tCIOV]
(1)
1.0 s
32 ms
16 ms
280
μs
4 ms
(2)
1.0 s
64 ms
16 ms
280
μs
8 ms
(3)
1.0 s
32 ms
8 ms
280
μs
8 ms
(4)
1.0 s
64 ms
8 ms
280
μs
8 ms
(5)
1.0 s
64 ms
8 ms
280
μs
4 ms
(6)
1.0 s
64 ms
16 ms
280
μs
16 ms
(7)
1.0 s
128 ms
8 ms
280
μs
8 ms
(8)
1.0 s
32 ms
16 ms
530
μs
16 ms
(9)
1.0 s
32 ms
16 ms
280
μs
16 ms
(10)
1.0 s
64 ms
32 ms
280
μs
16 ms
(11)
1.0 s
32 ms
16 ms
280
μs
8 ms
Remark The delay times can be changed within the range listed in Table 6. For details, please contact our sales office.
Table 6
Delay Time
Symbol
Selection Range
Remark
Overcharge detection delay time
tCU
256 ms
512 ms
1.0 s
*1
Select a value from the left.
Overdischarge detection delay time
tDL
32 ms
64 ms
*1
128 ms
Select a value from the left.
Discharge overcurrent detection delay time
tDIOV
4 ms
8 ms
*1
16 ms
Select a value from the left.
Load short-circuiting detection delay time
tSHORT
280
μs
*1
530
μs
Select a value from the left.
Charge overcurrent detection delay time
tCIOV
4 ms
8 ms
*1
16 ms
Select a value from the left.
*1. This value is the delay time of the standard product.


Similar Part No. - S-8240ACR-I6T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8240ACR-I6T1U ABLIC-S-8240ACR-I6T1U Datasheet
783Kb / 48P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.2.7_00
More results

Similar Description - S-8240ACR-I6T1U

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC9527A E-CMOS-EC9527A Datasheet
486Kb / 13P
   Protection IC for 1-Cell Battery Pack
logo
Seiko Instruments Inc
S8240A SII-S8240A Datasheet
1Mb / 38P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
Neotec Semiconductor Lt...
NT1715B NEOTEC-NT1715B Datasheet
250Kb / 4P
   Battery Protection IC for 1-Cell Pack
V1.13
logo
ABLIC Inc.
S-82C1F ABLIC-S-82C1F Datasheet
843Kb / 42P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.3_00
S-8240A ABLIC-S-8240A Datasheet
783Kb / 48P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.2.7_00
S-8250B ABLIC-S-8250B Datasheet
577Kb / 32P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.1_03
logo
Neotec Semiconductor Lt...
NT1713C NEOTEC-NT1713C Datasheet
283Kb / 5P
   Protection IC for 1-Cell Battery Pack
V1.1
NT1715C NEOTEC-NT1715C Datasheet
228Kb / 4P
   Battery Protection IC for 1-Cell Pack
V1.4
logo
Seiko Instruments Inc
S-8211D SII-S-8211D Datasheet
370Kb / 36P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
ABLIC Inc.
S-8211C ABLIC-S-8211C Datasheet
636Kb / 43P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.7.7_03
S-82H1B ABLIC-S-82H1B Datasheet
561Kb / 29P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.0_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com