Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LF9437 Datasheet(PDF) 2 Page - MTRONPTI

Part # LF9437
Description  Specification for a Proposed SMD LC Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

LF9437 Datasheet(HTML) 2 Page - MTRONPTI

  LF9437 Datasheet HTML 1Page - MTRONPTI LF9437 Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specification for a Proposed SMD LC Filter
MtronPTI P/N: LF9437
Page 2 of 2
The information contained herein is proprietary to MtronPTI and is submitted in confidence.
This information may not be copied or divulged without the express written permission of MtronPTI
III. Design Simulation Plots:
IV. Maximum Solder Reflow Profile:
V. Data Sheet Revision Table:
Date
Rev.
Author
Details of Revision
04/18/13
A
BRM
Corrected a typographical error in the Insertion Loss Specification (should have referenced a 2dB Passband and
not the erroneous 1dB Passband).
04/09/13
-
BRM
Initial Release.


Similar Part No. - LF9437

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
LF9438 MTRONPTI-LF9438 Datasheet
231Kb / 2P
   Specification for a 200-Watt Lowpass SMD LC Filter
More results

Similar Description - LF9437

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
XF8572-002 MTRONPTI-XF8572-002 Datasheet
452Kb / 2P
   Proposed Specification for a Crystal Filter
XF9357 MTRONPTI-XF9357 Datasheet
249Kb / 2P
   Proposed Specification for a Crystal Filter
LF9288 MTRONPTI-LF9288 Datasheet
357Kb / 1P
   SPECIFICATION FOR A SMD BANDPASS LC FILTER
LF9248 MTRONPTI-LF9248 Datasheet
163Kb / 2P
   Specification for an SMD LC Filter
LF9395 MTRONPTI-LF9395 Datasheet
196Kb / 2P
   Specification for an SMD LC Filter
LFS9182 MTRONPTI-LFS9182 Datasheet
465Kb / 2P
   Specification for an SMD LC Filter
LF9438 MTRONPTI-LF9438 Datasheet
231Kb / 2P
   Specification for a 200-Watt Lowpass SMD LC Filter
LF9422 MTRONPTI-LF9422 Datasheet
298Kb / 2P
   Specification for a LC Filter Diplexer Filter
9414R MTRONPTI-9414R Datasheet
259Kb / 2P
   Specification for a Bandpass LC Filter
LF9415 MTRONPTI-LF9415 Datasheet
209Kb / 2P
   Specification for a Bandpass LC Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com