Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8252ABT-M6T1U Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-8252ABT-M6T1U
Description  BATTERY PROTECTION IC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8252ABT-M6T1U Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-8252ABT-M6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-8252ABT-M6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-8252ABT-M6T1U Datasheet HTML 9Page - Seiko Instruments Inc S-8252ABT-M6T1U Datasheet HTML 10Page - Seiko Instruments Inc S-8252ABT-M6T1U Datasheet HTML 11Page - Seiko Instruments Inc S-8252ABT-M6T1U Datasheet HTML 12Page - Seiko Instruments Inc S-8252ABT-M6T1U Datasheet HTML 13Page - Seiko Instruments Inc S-8252ABT-M6T1U Datasheet HTML 14Page - Seiko Instruments Inc S-8252ABT-M6T1U Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.3.2_00
S-8252 Series
11
Test Circuits
Caution Unless otherwise specified, the output voltage levels "H" and "L" at CO pin (VCO) and DO pin (VDO) are
judged by the threshold voltage (1.0 V) of the N-channel FET. Judge the CO pin level with respect to
VVM and the DO pin level with respect to VSS.
1. Overcharge detection voltage, overcharge release voltage
(Test circuit 1)
Overcharge detection voltage (VCU1) is defined as the voltage V1 at which VCO goes from "H" to "L" when the voltage
V1 is gradually increased from the starting condition of V1 = V2 = VCU 0.05 V, V3 = 0 V. Overcharge release voltage
(VCL1) is defined as the voltage V1 at which VCO goes from "L" to "H" when the voltage V1 is then gradually decreased
after setting V2 = 3.5 V. Overcharge hysteresis voltage (VHC1) is defined as the difference between VCU1 and VCL1.
Overcharge detection voltage (VCU2) is defined as the voltage V2 at which VCO goes from "H" to "L" when the voltage
V2 is gradually increased from the starting condition of V1 = V2 = VCU 0.05 V, V3 = 0 V. Overcharge release voltage
(VCL2) is defined as the voltage V2 at which VCO goes from "L" to "H" when the voltage V2 is then gradually decreased
after setting V1 = 3.5 V. Overcharge hysteresis voltage (VHC2) is defined as the difference between VCU2 and VCL2.
2. Overdischarge detection voltage, overdischarge release voltage
(Test circuit 2)
Overdischarge detection voltage (VDL1) is defined as the voltage V1 at which VDO goes from "H" to "L" when the
voltage V1 is gradually decreased from the starting condition of V1 = V2 = 3.5 V, V3 = 0 V. Overdischarge release
voltage (VDU1) is defined as the voltage V1 at which VDO goes from "L" to "H" when the voltage V1 is then gradually
increased. Overdischarge hysteresis voltage (VHD1) is defined as the difference between VDU1 and VDL1.
Overdischarge detection voltage (VDL2) is defined as the voltage V2 at which VDO goes from "H" to "L" when the
voltage V2 is gradually decreased from the starting condition of V1 = V2 = 3.5 V, V3 = 0 V. Overdischarge release
voltage (VDU2) is defined as the voltage V2 at which VDO goes from "L" to "H" when the voltage V2 is then gradually
increased. Overdischarge hysteresis voltage (VHD2) is defined as the difference between VDU2 and VDL2.
3. Discharge overcurrent detection voltage
(Test circuit 2)
Discharge overcurrent detection voltage (VDIOV) is defined as the voltage V3 whose delay time for changing VDO from
"H" to "L" is discharge overcurrent detection delay time (tDIOV) when the voltage V3 is increased from the starting
condition of V1 = V2 = 3.5 V, V3 = 0 V.
4. Load short-circuiting detection voltage
(Test circuit 2)
Load short-circuiting detection voltage (VSHORT) is defined as the voltage V3 whose delay time for changing VDO from
"H" to "L" is load short-circuiting detection delay time (tSHORT) when the voltage V3 is increased from the starting
condition of V1 = V2 = 3.5 V, V3 = 0 V.
5. Charge overcurrent detection voltage, charger detection voltage
(Test circuit 2)
5. 1 With charge overcurrent detection function
Charge overcurrent detection voltage (VCIOV) is defined as the voltage V3 whose delay time for changing VCO
from "H" to "L" is charge overcurrent detection delay time (tCIOV) when the voltage V3 is decreased from the
starting condition of V1 = V2 = 3.5 V, V3 = 0 V.
5. 2 Without charge overcurrent detection function
Charger detection voltage (VCHA) is defined as the voltage V3 at which VCO goes from "H" to "L" when the
voltage V3 is decreased from the starting condition of V1 = V2 = 3.5 V, V3 = 0 V.
6. Current consumption during operation
(Test circuit 2)
The current consumption during operation (IOPE) is the current that flows through the VDD pin (IDD) under the set
conditions of V1 = V2 = 3.5 V, V3 = 0 V.


Similar Part No. - S-8252ABT-M6T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8252ABT-M6T1U ABLIC-S-8252ABT-M6T1U Datasheet
614Kb / 37P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.3.9_00
More results

Similar Description - S-8252ABT-M6T1U

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP8207 UPI-UP8207 Datasheet
240Kb / 17P
   Battery Protection IC
logo
Seiko Instruments Inc
S-8205AAA-TCT1U SII-S-8205AAA-TCT1U Datasheet
2Mb / 33P
   BATTERY PROTECTION IC
S-8209BAA-T8T1Y SII-S-8209BAA-T8T1Y Datasheet
1Mb / 26P
   BATTERY PROTECTION IC
logo
Unisonic Technologies
UB209B UTC-UB209B_15 Datasheet
244Kb / 9P
   BATTERY PROTECTION IC
logo
Shenzhen Guan Hua Wei Y...
WSTDW01 WIINSOK-WSTDW01 Datasheet
1Mb / 7P
   battery protection IC
logo
Seiko Instruments Inc
S-8211EAC-M5T1U SII-S-8211EAC-M5T1U Datasheet
1Mb / 29P
   BATTERY PROTECTION IC
S8204A SII-S8204A Datasheet
650Kb / 34P
   BATTERY PROTECTION IC
S8211D SII-S8211D Datasheet
1Mb / 38P
   BATTERY PROTECTION IC
S-8211CAA-M5T1X SII-S-8211CAA-M5T1X Datasheet
2Mb / 43P
   BATTERY PROTECTION IC
S-8243AACFT-TB-X SII-S-8243AACFT-TB-X Datasheet
2Mb / 35P
   BATTERY PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com