Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8254AAAFT-TB-U Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-8254AAAFT-TB-U
Description  BATTERY PROTECTION IC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8254AAAFT-TB-U Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-8254AAAFT-TB-U Datasheet HTML 6Page - Seiko Instruments Inc S-8254AAAFT-TB-U Datasheet HTML 7Page - Seiko Instruments Inc S-8254AAAFT-TB-U Datasheet HTML 8Page - Seiko Instruments Inc S-8254AAAFT-TB-U Datasheet HTML 9Page - Seiko Instruments Inc S-8254AAAFT-TB-U Datasheet HTML 10Page - Seiko Instruments Inc S-8254AAAFT-TB-U Datasheet HTML 11Page - Seiko Instruments Inc S-8254AAAFT-TB-U Datasheet HTML 12Page - Seiko Instruments Inc S-8254AAAFT-TB-U Datasheet HTML 13Page - Seiko Instruments Inc S-8254AAAFT-TB-U Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
S-8254A Series
Rev.5.2_00
10
2. 6 CTL Input Voltage “H” (VCTLH), CTL Input Voltage “L” (VCTLL)
The CTL input voltage “H” (VCTLH) is the voltage of CTL when the voltages at the COP and DOP pins
are “H” after the CTL voltage has been gradually increased starting at the initial status. The CTL input
voltage “L” (VCTLL) is the voltage of CTL when the voltages at the COP and DOP pins are “L” after the
CTL voltage has been gradually decreased.
2. 7 SEL Input Voltage “H” (VSELH), SEL Input Voltage “L” (VSELL)
Apply 0 V to V4 in the initial status and confirm that the DOP pin is “H”. The SEL input voltage “L”
(VSELL) is the voltage of the SEL pin when the voltage at the DOP pin is “L” after the SEL voltage has
been gradually decreased. The SEL input voltage “H” (VSELH) is the voltage of the SEL pin when the
voltage of the DOP pin is “H” after the SEL voltage has been gradually increased.
3. Overcharge Detection Delay Time, Overdischarge Detection Delay Time, Overcurrent Detection
Delay Time 1, Overcurrent Detection Delay Time 2, Overcurrent Detection Delay Time 3
(Test circuit 3)
Confirm that the COP pin and DOP pin are “L” when VVMP
= VDD, VINI = VSS, and V1 = V2 = V3 = V4 =
3.5 V (this status is referred to as the initial status).
3. 1 Overcharge Detection Delay Time (tCU)
The overcharge detection delay time (tCU) is the time it takes for the voltage of the COP pin to change
from “L” to “H” after the voltage of V1 is instantaneously changed to 4.5 V from the initial status.
3. 2 Overdischarge Detection Delay Time (tDL)
The overdischarge detection delay time (tDL) is the time it takes for the voltage of the DOP pin to
change from “L” to “H” after the voltage of V1 is instantaneously changed to 1.5 V from the initial
status
3. 3 Overcurrent Detection Delay Time 1 (tIOV1)
Overcurrent detection delay time 1 (tIOV1) is the time it takes for the voltage of the DOP pin to change
from “L” to “H” after the voltage of the VINI pin is instantaneously changed to 0.4 V from the initial
status.
3. 4 Overcurrent Detection Delay Time 2 (tIOV2)
Overcurrent detection delay time 2 (tIOV2) is the time it takes for the voltage of the DOP pin to change
from “L” to “H” after the voltage of the VINI pin is instantaneously changed to VIOV2 max.
+ 0.2 V from
the initial status.
3. 5 Overcurrent Detection Delay Time 3 (tIOV3)
Overcurrent detection delay time 3 (tIOV3) is the time it takes for the voltage of the DOP pin to change
from “L” to “H” after the voltage of the VMP pin is instantaneously changed to VIOV3 min.
− 0.2 V from
the initial status.


Similar Part No. - S-8254AAAFT-TB-U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8254AAAFT-TB-X ABLIC-S-8254AAAFT-TB-X Datasheet
470Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
Rev.5.2_01
More results

Similar Description - S-8254AAAFT-TB-U

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP8207 UPI-UP8207 Datasheet
240Kb / 17P
   Battery Protection IC
logo
Seiko Instruments Inc
S-8252AAA-M6T1U SII-S-8252AAA-M6T1U Datasheet
2Mb / 36P
   BATTERY PROTECTION IC
S-8205AAA-TCT1U SII-S-8205AAA-TCT1U Datasheet
2Mb / 33P
   BATTERY PROTECTION IC
S-8209BAA-T8T1Y SII-S-8209BAA-T8T1Y Datasheet
1Mb / 26P
   BATTERY PROTECTION IC
logo
Unisonic Technologies
UB209B UTC-UB209B_15 Datasheet
244Kb / 9P
   BATTERY PROTECTION IC
logo
Shenzhen Guan Hua Wei Y...
WSTDW01 WIINSOK-WSTDW01 Datasheet
1Mb / 7P
   battery protection IC
logo
Seiko Instruments Inc
S-8211EAC-M5T1U SII-S-8211EAC-M5T1U Datasheet
1Mb / 29P
   BATTERY PROTECTION IC
S8204A SII-S8204A Datasheet
650Kb / 34P
   BATTERY PROTECTION IC
S8211D SII-S8211D Datasheet
1Mb / 38P
   BATTERY PROTECTION IC
S-8211CAA-M5T1X SII-S-8211CAA-M5T1X Datasheet
2Mb / 43P
   BATTERY PROTECTION IC
S-8243AACFT-TB-X SII-S-8243AACFT-TB-X Datasheet
2Mb / 35P
   BATTERY PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com