Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F811CPL Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # F811CPL
Description  IF Filter for TV(PIFSIF)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

F811CPL Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  F811CPL Datasheet HTML 1Page - Fujitsu Component Limited. F811CPL Datasheet HTML 2Page - Fujitsu Component Limited. F811CPL Datasheet HTML 3Page - Fujitsu Component Limited. F811CPL Datasheet HTML 4Page - Fujitsu Component Limited. F811CPL Datasheet HTML 5Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Customer Name
Standard specification
Application
IF Filter for TV(PIF+SIF)
System
M/N
FUJITSU MEDIA DEVICES LIMITED
Picture Carrier Frequency
58.75 MHz
DATE
Jun. 27 2003
FMD Part Number
F811CPL
Version 1.3
Table 1-1 Electrical Specification
(Ta=25
oC)
Video Channel
Specification
Items
Conditions
Min.
Typ.
Max.
Unit
Remarks
Insertion Loss
fp-1.75
(57.08
MHz)
13.5
15.0
16.5
dB
fp-6.0
(52.83
MHz)
-49
-42
dB
fp-4.5
(54.33
MHz)
-25
-18
dB
fp-3.58
(55.25
MHz)
-1.9
-0.9
0.1
dB
fp-1.75
(57.08
MHz)
0
dB
Reference
fp
(58.83
MHz)
-6.2
-5.2
-4.2
dB
fp+1.5
(60.33
MHz)
-52
-42
dB
45.08
~
52.83
MHz
-38
-30
dB
Relative level
60.33
~
65.08
MHz
-42
-30
dB
fp-3.58
(55.25
MHz)
113
ns
fp-3.0
(55.83
MHz)
88
ns
fp-2.0
(56.83
MHz)
47
ns
fp-1.0
(57.83
MHz)
42
ns
Group delay
fp
(58.83
MHz)
0
ns
Reference
Input Capacitance
Cin
( 1.0
MHz)
20.2
pF
Output Capacitance
Cout(V)
( 1.0
MHz)
3.5
pF
Temperature coefficient
-72
ppm/
oC


Similar Part No. - F811CPL

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
F811GSL PETERMANN-F811GSL Datasheet
90Kb / 5P
   HIGH RELIABILITY FOR LOW COST
More results

Similar Description - F811CPL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8700AN TOSHIBA-TA8700AN Datasheet
540Kb / 16P
   PIF/SIF IC FOR TV/VTR
TA8800N TOSHIBA-TA8800N Datasheet
838Kb / 21P
   PLL PIF/SIF IC FOR TV/VTR
TA8800N TOSHIBA-TA8800N_01 Datasheet
857Kb / 22P
   PLL PIF/SIF IC FOR TV/VTR
TA8701AN TOSHIBA-TA8701AN Datasheet
607Kb / 18P
   PIF/SIF ATT IC FOR TV/VTR
TA8865BN TOSHIBA-TA8865BN Datasheet
1Mb / 27P
   PLL MULTI PIF/SIF SYSTEM FOR COLOR TV AND VCR
TA1290FN TOSHIBA-TA1290FN_01 Datasheet
214Kb / 13P
   PIF IC FOR TV
TA1290FN TOSHIBA-TA1290FN Datasheet
404Kb / 13P
   PIF IC FOR TV
logo
Sanyo Semicon Device
LA7550 SANYO-LA7550 Datasheet
285Kb / 3P
   IF Signal Processing (VIFSIF) Cricuit for TV/VTR
logo
Toshiba Semiconductor
TA8712N TOSHIBA-TA8712N Datasheet
521Kb / 12P
   PIF QIF SYSTEM FOR TV
logo
Sanyo Semicon Device
LA75695VA SANYO-LA75695VA Datasheet
286Kb / 12P
   For Use in TV/VTR Applications IF Signal Processing (VIFSIFSIF converter)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com