Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC701 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADC701
Description  16-Bit 512kHz SAMPLING A/D CONVERTER SYSTEM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADC701 Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button ADC701 Datasheet HTML 2Page - Burr-Brown (TI) ADC701 Datasheet HTML 3Page - Burr-Brown (TI) ADC701 Datasheet HTML 4Page - Burr-Brown (TI) ADC701 Datasheet HTML 5Page - Burr-Brown (TI) ADC701 Datasheet HTML 6Page - Burr-Brown (TI) ADC701 Datasheet HTML 7Page - Burr-Brown (TI) ADC701 Datasheet HTML 8Page - Burr-Brown (TI) ADC701 Datasheet HTML 9Page - Burr-Brown (TI) ADC701 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
®
ADC701/SHC702
6
TYPICAL DYNAMIC PERFORMANCE (ADC701/SHC702)(1)
Frequency (kHz)
0
–20
–40
–60
–80
–100
–120
–140
0
250
FULL-SCALE SINEWAVE RESPONSE, f
= 100kHz
50
100
150
200
IN
Input Frequency
19.9890136719 kHz
Fundamental
–0.3 dB
4th Harmonic
–115.6 dB
2nd Harmonic
–107.5 dB
5th Harmonic
–111.2 dB
3rd Harmonic
–111.5 dB
6th Harmonic
–124.5 dB
2
V
3
V
4
V
5
V
9
V
7
V
5
V
4
V
6
V
9
V
7
V
8
V
2
V
3
V
Input Frequency
100.982666016 kHz
Fundamental
–0.5 dB
4th Harmonic
–102.5 dB
2nd Harmonic
–89.1 dB
5th Harmonic
–110.2 dB
3rd Harmonic
–90.5 dB
6th Harmonic
–106.8 dB
Frequency (kHz)
0
–20
–40
–60
–80
–100
–120
–140
0
250
FULL-SCALE SINEWAVE RESPONSE, f
= 200kHz
50
100
150
200
IN
Frequency (kHz)
0
–20
–40
–60
–80
–100
–120
–140
0
250
50
100
150
200
TWO-TONE INTERMODULATION RESPONSE,
= 195kHz and 200kHz
IN
f
Frequency 1
194.976806641 kHz
Frequency 2
199.981689453 kHz
f
1
–6.8dB
3 > f
1 +2f2
–96.0dB
f
2
–6.3dB
4 > 2f
1
+f
2
–96.8dB
1 > f
1 +f2
–87.7dB
5 > f
1 –2f2
–104.9dB
2 > f
1 –f2
–88.8dB
6 > 2f
1 –f2
–109.0dB
NOTE: (1) For figures above, sampling rate = 500.0000000000kHz. 16,384 point FFT, non-windowed. Noise floor limited by synthesized generators.
5
V
6
V
1
V
2
V
3
V
4
V
5
V
7
V
2
V
3
V
Input Frequency
199.005126953 kHz
Fundamental
–0.7dB
4th Harmonic
–111.5dB
2nd Harmonic
–81.4dB
5th Harmonic
–97.0dB
3rd Harmonic
–89.4dB
6th Harmonic
–112.5dB
Frequency (kHz)
0
–20
–40
–60
–80
–100
–120
–140
0
250
FULL-SCALE SINEWAVE RESPONSE, f
IN = 20kHz
50
100
150
200
Codes
2
1
0
–1
–2
0
65535
DIFFERENTIAL NONLINEARITY OF ALL CODES,
19.6 MILLION SAMPLES
32767


Similar Part No. - ADC701

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADC700 BURR-BROWN-ADC700 Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
ADC700AH BURR-BROWN-ADC700AH Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
ADC700BH BURR-BROWN-ADC700BH Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
ADC700JH BURR-BROWN-ADC700JH Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
ADC700KH BURR-BROWN-ADC700KH Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
More results

Similar Description - ADC701

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
MN6500 APITECH-MN6500 Datasheet
1Mb / 8P
   16-bit, 100kHz Sampling A/D Converter
MN6450 APITECH-MN6450 Datasheet
1Mb / 8P
   47kHz, 16-bit Self-calibrating Sampling A/D Converter
logo
List of Unclassifed Man...
MN6450 ETC1-MN6450 Datasheet
1Mb / 8P
   47KHZ 16-BIT SELF-CALIBRATING SAMPLING A/D CONVERTER
logo
API Technologies Corp
MN6400 APITECH-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
logo
List of Unclassifed Man...
MN6400 ETC1-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
logo
Burr-Brown (TI)
ADS7825 BURR-BROWN-ADS7825 Datasheet
342Kb / 16P
   4 Channel, 16-Bit Sampling CMOS A/D Converter
logo
Texas Instruments
ADS7825 TI1-ADS7825_14 Datasheet
424Kb / 22P
[Old version datasheet]   4 Channel, 16-Bit Sampling CMOS A/D Converter
logo
Sipex Corporation
SP7800A SIPEX-SP7800A Datasheet
171Kb / 13P
   12-Bit 3ms Sampling A/D Converter
SP8537 SIPEX-SP8537 Datasheet
220Kb / 12P
   Micropower Sampling 10-Bit A/D Converter
logo
Linear Technology
LTC1414 LINER-LTC1414 Datasheet
353Kb / 20P
   14-Bit, 2.2Msps, Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com