Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8243AADFT-TB-G Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-8243AADFT-TB-G
Description  BATTERY PROTECTION IC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8243AADFT-TB-G Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-8243AADFT-TB-G Datasheet HTML 1Page - Seiko Instruments Inc S-8243AADFT-TB-G Datasheet HTML 2Page - Seiko Instruments Inc S-8243AADFT-TB-G Datasheet HTML 3Page - Seiko Instruments Inc S-8243AADFT-TB-G Datasheet HTML 4Page - Seiko Instruments Inc S-8243AADFT-TB-G Datasheet HTML 5Page - Seiko Instruments Inc S-8243AADFT-TB-G Datasheet HTML 6Page - Seiko Instruments Inc S-8243AADFT-TB-G Datasheet HTML 7Page - Seiko Instruments Inc S-8243AADFT-TB-G Datasheet HTML 8Page - Seiko Instruments Inc S-8243AADFT-TB-G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
BATTERY PROTECTION IC FOR 3-SERIAL OR 4-SERIAL CELL PACK
S-8243A/B Series
Rev.3.1_00
4
Product Name Structure
1. Product Name
S-8243 x xx FT - TB
− x
Environmental code
U:
Lead-free (Sn 100%), halogen-free
G:
Lead-free (for details, please contact our sales office
IC direction in tape specifications
*1
Package name (abbreviation)
FT:
16-Pin TSSOP
Serial code
*2
Sequentially set from AA to ZZ
Product series name
A:
3-cell
B:
4-cell
*1. Refer to the tape drawing.
*2. Refer to “3. Product Name List”.
2. Package
Package Name
Drawing Code
Package
Tape
Reel
16-Pin TSSOP
Environmental code = G
FT016-A-P-SD
FT016-A-C-SD
FT016-A-R-SD
Environmental code = U
FT016-A-P-SD
FT016-A-C-SD
FT016-A-R-S1
3. Product Name List
Table 1 S-8243A Series (For 3-Serial Cell)
Product name / Item
Overcharge
detection voltage
[VCU]
Overcharge
hysteresis voltage
[VHC]
Overdischarge
detection voltage
[VDL]
Overdischarge
hysteresis voltage
[VHD]
Overcurrent
detection voltage1
[VIOV1]
0 V battery
charging
function
S-8243AACFT-TB-x
4.350
±0.025 V
−0.15 ±0.05 V
2.40
±0.08 V
0.20
±0.10 V
0.20
±0.025 V
Available
S-8243AADFT-TB-x
4.350
±0.025 V
−0.35 ±0.05 V
2.40
±0.08 V
0 V
0.20
±0.025 V
Available
Table 2 S-8243B Series (For 4-Serial Cell)
Product name / Item
Overcharge
detection voltage
[VCU]
Overcharge
hysteresis voltage
[VHC]
Overdischarge
detection voltage
[VDL]
Overdischarge
hysteresis voltage
[VHD]
Overcurrent
detection voltage1
[VIOV1]
0 V battery
charging
function
S-8243BADFT-TB-x
4.350
±0.025 V
−0.25 ±0.05 V
2.40
±0.08 V
0 V
0.25
±0.025 V
Available
S-8243BAEFT-TB-x
4.350
±0.025 V
−0.15 ±0.05 V
2.40
±0.08 V
0.20
±0.10 V
0.20
±0.025 V
Available
S-8243BAFFT-TB-x
4.250
±0.025 V
−0.25 ±0.05 V
2.40
±0.08 V
0 V
0.20
±0.025 V
Available
S-8243BAHFT-TB-x
4.315
±0.025 V
−0.20 ±0.05 V
2.00
±0.08 V
0.15
±0.10 V
0.20
±0.025 V
Available
Remark 1. Change in the detection voltage is available in products other than listed above. Contact our sales office.
2. x: G or U
3. Please select products of environmental code = U for Sn 100%, halogen-free products.


Similar Part No. - S-8243AADFT-TB-G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8243AADFT-TB-G SII-S-8243AADFT-TB-G Datasheet
638Kb / 34P
   BATTRY PROTECTION IC FOR 3-SERIAL OR 4-SERIAL CELL PACK
More results

Similar Description - S-8243AADFT-TB-G

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP8207 UPI-UP8207 Datasheet
240Kb / 17P
   Battery Protection IC
logo
Seiko Instruments Inc
S-8252AAA-M6T1U SII-S-8252AAA-M6T1U Datasheet
2Mb / 36P
   BATTERY PROTECTION IC
S-8205AAA-TCT1U SII-S-8205AAA-TCT1U Datasheet
2Mb / 33P
   BATTERY PROTECTION IC
S-8209BAA-T8T1Y SII-S-8209BAA-T8T1Y Datasheet
1Mb / 26P
   BATTERY PROTECTION IC
logo
Unisonic Technologies
UB209B UTC-UB209B_15 Datasheet
244Kb / 9P
   BATTERY PROTECTION IC
logo
Shenzhen Guan Hua Wei Y...
WSTDW01 WIINSOK-WSTDW01 Datasheet
1Mb / 7P
   battery protection IC
logo
Seiko Instruments Inc
S-8211EAC-M5T1U SII-S-8211EAC-M5T1U Datasheet
1Mb / 29P
   BATTERY PROTECTION IC
S8204A SII-S8204A Datasheet
650Kb / 34P
   BATTERY PROTECTION IC
S8211D SII-S8211D Datasheet
1Mb / 38P
   BATTERY PROTECTION IC
S-8211CAA-M5T1X SII-S-8211CAA-M5T1X Datasheet
2Mb / 43P
   BATTERY PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com