Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCS34723 Datasheet(PDF) 33 Page - ams AG

Part No. TCS34723
Description  Red, Green, Blue (RGB), and Clear Light
Download  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AMSCO [ams AG]
Homepage  http://www.ams.com
Logo 

TCS34723 Datasheet(HTML) 33 Page - ams AG

Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
ams Datasheet
Page 33
[v1-02] 2016-Feb-08
Document Feedback
TCS3472 − Soldering & Storage Information
Storage Information
Moisture Sensitivity
Optical characteristics of the device can be adversely affected
during the soldering process by the release and vaporization of
moisture that has been previously absorbed into the package.
To ensure the package contains the smallest amount of
absorbed moisture possible, each device is dry-baked prior to
being packed for shipping. Devices are packed in a sealed
aluminized envelope called a moisture barrier bag with silica
gel to protect them from ambient moisture during shipping,
handling, and storage before use.
The Moisture Barrier Bags should be stored under the following
conditions:
• Temperature Range < 40°C
• Relative Humidity < 90%
• Total Time - No longer than 12 months from the date code
on the aluminized envelope if unopened.
Rebaking of the reel will be required if the devices have been
stored unopened for more than 12 months and the Humidity
Indicator Card shows the parts to be out of the allowable
moisture region.
Opened reels should be used within 168 hours if exposed to the
following conditions:
• Temperature Range < 30°C
• Relative Humidity < 60%
If rebaking is required, it should be done at 50°C for 12 hours.
The FN package has been assigned a moisture sensitivity level
of MSL 3.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn