Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCS34723 Datasheet(PDF) 32 Page - ams AG

Part No. TCS34723
Description  Red, Green, Blue (RGB), and Clear Light
Download  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AMSCO [ams AG]
Homepage  http://www.ams.com
Logo 

TCS34723 Datasheet(HTML) 32 Page - ams AG

Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
Page 32
ams Datasheet
Document Feedback
[v1-02] 2016-Feb-08
TCS3472 − Soldering & Storage Information
Soldering Information
The FN package has been tested and has demonstrated an
ability to be reflow soldered to a PCB substrate. The process,
equipment, and materials used in these test are detailed below.
The solder reflow profile describes the expected maximum heat
exposure of components during the solder reflow process of
product on a PCB. Temperature is measured on top of
component. The components should be limited to a maximum
of three passes through this solder reflow profile.
Figure 39:
Solder Reflow Profile
Figure 40:
Solder Reflow Profile Graph
Note(s):
1. Not to scale – for reference only.
Parameter
Reference
Device
Average temperature gradient in preheating
2.5 ºC/s
Soak time
tsoak
2 to 3 minutes
Time above 217 ºC (T1)t1
Max 60 s
Time above 230 ºC (T2)t2
Max 50 s
Time above Tpeak - 10 ºC (T3)t3
Max 10 s
Peak temperature in reflow
Tpeak
260 ºC
Temperature gradient in cooling
Max -5 ºC/s
Soldering & Storage
Information
(s)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn