Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCS34723 Datasheet(PDF) 28 Page - ams AG

Part No. TCS34723
Description  Red, Green, Blue (RGB), and Clear Light
Download  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AMSCO [ams AG]
Homepage  http://www.ams.com
Logo 

TCS34723 Datasheet(HTML) 28 Page - ams AG

Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
Page 28
ams Datasheet
Document Feedback
[v1-02] 2016-Feb-08
TCS3472 − Register Description
RGBC Channel Data Registers (0x14 – 0x1B)
Clear, red, green, and blue data is stored as 16-bit values. To
ensure the data is read correctly, a two-byte read I²C transaction
should be used with a read word protocol bit set in the
command register. With this operation, when the lower byte
register is read, the upper eight bits are stored into a shadow
register, which is read by a subsequent read to the upper byte.
The upper register will read the correct value even if additional
ADC integration cycles end between the reading of the lower
and upper registers.
Figure 35:
RGBC Channel Data Registers
Register
Address
Bits
Description
CDATA
0x14
7:0
Clear data low byte
CDATAH
0x15
7:0
Clear data high byte
RDATA
0x16
7:0
Red data low byte
RDATAH
0x17
7:0
Red data high byte
GDATA
0x18
7:0
Green data low byte
GDATAH
0x19
7:0
Green data high byte
BDATA
0x1A
7:0
Blue data low byte
BDATAH
0x1B
7:0
Blue data high byte


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn