Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCS34723 Datasheet(PDF) 23 Page - ams AG

Part # TCS34723
Description  Red, Green, Blue (RGB), and Clear Light
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS34723 Datasheet(HTML) 23 Page - ams AG

Back Button TCS34723 Datasheet HTML 19Page - ams AG TCS34723 Datasheet HTML 20Page - ams AG TCS34723 Datasheet HTML 21Page - ams AG TCS34723 Datasheet HTML 22Page - ams AG TCS34723 Datasheet HTML 23Page - ams AG TCS34723 Datasheet HTML 24Page - ams AG TCS34723 Datasheet HTML 25Page - ams AG TCS34723 Datasheet HTML 26Page - ams AG TCS34723 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
ams Datasheet
Page 23
[v1-02] 2016-Feb-08
Document Feedback
TCS3472 − Register Description
RGBC Timing Register (0x01)
The RGBC timing register controls the internal integration time
of the RGBC clear and IR channel ADCs in 2.4-ms increments.
Max RGBC Count = (256 − ATIME) × 1024 up to a maximum of
65535.
Figure 27:
RGBC Timing Register
Wait Time Register (0x03)
Wait time is set 2.4 ms increments unless the WLONG bit is
asserted, in which case the wait times are 12× longer. WTIME is
programmed as a 2’s complement number.
Figure 28:
Wait Time Register
Fields
Bits
Description
ATIME
7:0
VALUE
INTEG_CYCLES
TIME
MAX COUNT
0xFF
1
2.4 ms
1024
0xF6
10
24 ms
10240
0xD5
42
101 ms
43008
0xC0
64
154 ms
65535
0x00
256
700 ms
65535
Fields
Bits
Description
WTIME
7:0
REGISTER VALUE
WAIT TIME
TIME (WLONG= 0)
TIME (WLONG= 1)
0xFF
1
2.4 ms
0.029 sec
0xAB
85
204 ms
2.45 sec
0x00
256
614 ms
7.4 sec


Similar Part No. - TCS34723

ManufacturerPart #DatasheetDescription
logo
ams AG
TCS3472 AMSCO-TCS3472 Datasheet
1Mb / 27P
   COLOR LIGHT-TO-DIGITAL CONVERTER with IR FILTER
logo
OSRAM GmbH
TCS3472 OSRAM-TCS3472 Datasheet
1Mb / 41P
   Color Light-to-Digital Converter with IR Filter
v1-04 2020-Apr-10
TCS34725 OSRAM-TCS34725 Datasheet
1Mb / 41P
   Color Light-to-Digital Converter with IR Filter
v1-04 2020-Apr-10
TCS34725FN OSRAM-TCS34725FN Datasheet
1Mb / 41P
   Color Light-to-Digital Converter with IR Filter
v1-04 2020-Apr-10
TCS34727 OSRAM-TCS34727 Datasheet
1Mb / 41P
   Color Light-to-Digital Converter with IR Filter
v1-04 2020-Apr-10
More results

Similar Description - TCS34723

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3000 NTE-NTE3000 Datasheet
18Kb / 2P
   Light Emitting Diode Miniature, Clear Red
NTE3000 NTE-NTE3000_1 Datasheet
26Kb / 2P
   Light Emitting Diode Water Clear, High Efficiency Red
logo
Intersil Corporation
ISL29120 INTERSIL-ISL29120 Datasheet
343Kb / 8P
   Digital Output, Low Power, Red, Green, and Blue Color Light Sensor
logo
Renesas Technology Corp
ISL29120 RENESAS-ISL29120 Datasheet
462Kb / 8P
   Digital Output, Low Power, Red, Green, and Blue Color Light Sensor
logo
Bright View Electronic ...
BVM-S405RGB2S BVLED-BVM-S405RGB2S Datasheet
305Kb / 5P
   RGB STRIP LIGHT
BVM-SFRGBC05 BVLED-BVM-SFRGBC05 Datasheet
163Kb / 5P
   RGB FLEXSTRIP LIGHT
logo
OptoSupply Internationa...
OSMTRGB OPTOSUPPLY-OSMTRGB Datasheet
366Kb / 4P
   RGB Ribbon Light
OSWORGB OPTOSUPPLY-OSWORGB Datasheet
324Kb / 3P
   RGB Waterproof Light
OSWBA0F30GH-TFMBS4C1A-X OPTOSUPPLY-OSWBA0F30GH-TFMBS4C1A-X Datasheet
98Kb / 3P
   RGB waterproof Light
OSWPRGB OPTOSUPPLY-OSWPRGB Datasheet
255Kb / 3P
   RGB Waterproof Light
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com