Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCS34723 Datasheet(PDF) 20 Page - ams AG

Part No. TCS34723
Description  Red, Green, Blue (RGB), and Clear Light
Download  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AMSCO [ams AG]
Homepage  http://www.ams.com
Logo 

TCS34723 Datasheet(HTML) 20 Page - ams AG

Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
Page 20
ams Datasheet
Document Feedback
[v1-02] 2016-Feb-08
TCS3472 − Register Description
The TCS3472 is controlled and monitored by data registers and
a command register accessed through the serial interface.
These registers provide for a variety of control functions and
can be read to determine results of the ADC conversions. The
register set is summarized in Figure 24.
Figure 24:
Register Set
The mechanics of accessing a specific register depends on the
specific protocol used. See the section on I²C protocols on the
previous pages. In general, the COMMAND register is written
first to specify the specific control-status-data register for
subsequent read/write operations.
Address
Register Name
R/W
Register Function
Reset Value
−−
COMMAND
W
Specifies register address
0x00
0x00
ENABLE
R/W
Enables states and interrupts
0x00
0x01
ATIME
R/W
RGBC time
0xFF
0x03
WTIME
R/W
Wait time
0xFF
0x04
AILTL
R/W
Clear interrupt low threshold low byte
0x00
0x05
AILTH
R/W
Clear interrupt low threshold high byte
0x00
0x06
AIHTL
R/W
Clear interrupt high threshold low byte
0x00
0x07
AIHTH
R/W
Clear interrupt high threshold high byte
0x00
0x0C
PERS
R/W
Interrupt persistence filter
0x00
0x0D
CONFIG
R/W
Configuration
0x00
0x0F
CONTROL
R/W
Control
0x00
0x12
ID
R
Device ID
ID
0x13
STATUS
R
Device status
0x00
0x14
CDATAL
R
Clear data low byte
0x00
0x15
CDATAH
R
Clear data high byte
0x00
0x16
RDATAL
R
Red data low byte
0x00
0x17
RDATAH
R
Red data high byte
0x00
0x18
GDATAL
R
Green data low byte
0x00
0x19
GDATAH
R
Green data high byte
0x00
0x1A
BDATAL
R
Blue data low byte
0x00
0x1B
BDATAH
R
Blue data high byte
0x00
Register Description


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn