Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCS34723 Datasheet(PDF) 10 Page - ams AG

Part No. TCS34723
Description  Red, Green, Blue (RGB), and Clear Light
Download  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AMSCO [ams AG]
Homepage  http://www.ams.com
Logo 

TCS34723 Datasheet(HTML) 10 Page - ams AG

Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
Page 10
ams Datasheet
Document Feedback
[v1-02] 2016-Feb-08
TCS3472 − Timing Characteristics
The timing characteristics of TCS3472 are given below.
Figure 11:
AC Electrical Characteristics, VDD = 3 V, TA = 25ºC (unless otherwise noted)
Note(s):
1. Specified by design and characterization; not production tested.
Timing Diagram
Figure 12:
Parameter Measurement Information
Parameter
Description
Min
Typ
Max
Units
f(SCL)
Clock frequency (I²C only)
0
400
kHz
t(BUF)
Bus free time between start and stop condition
1.3
μs
t(HDSTA)
Hold time after (repeated) start condition. After
this period, the first clock is generated.
0.6
μs
t(SUSTA)
Repeated start condition setup time
0.6
μs
t(SUSTO)
Stop condition setup time
0.6
μs
t(HDDAT)
Data hold time
0
0.9
μs
t(SUDAT)
Data setup time
100
ns
t(LOW)
SCL clock low period
1.3
μs
t(HIGH)
SCL clock high period
0.6
μs
tF
Clock/data fall time
300
ns
tR
Clock/data rise time
300
ns
Ci
Input pin capacitance
10
pF
Timing Characteristics


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn