Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCS34723 Datasheet(PDF) 8 Page - ams AG

Part No. TCS34723
Description  Red, Green, Blue (RGB), and Clear Light
Download  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AMSCO [ams AG]
Homepage  http://www.ams.com
Logo 

TCS34723 Datasheet(HTML) 8 Page - ams AG

Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Page 8
ams Datasheet
Document Feedback
[v1-02] 2016-Feb-08
TCS3472 − Electrical Characteristics
Figure 8:
Optical Characteristics, VDD=3 V, TA= 25ºC, AGAIN = 16, ATIME = 0xF6 (unless otherwise noted)
(1)
Notes:
1. The percentage shown represents the ratio of the respective red, green, or blue channel value to the clear channel value.
2. The 465 nm input irradiance is supplied by an InGaN light-emitting diode with the following characteristics: dominant wavelength
λD = 465 nm, spectral halfwidth Δλ½ = 22 nm.
3. The 525 nm input irradiance is supplied by an InGaN light-emitting diode with the following characteristics: dominant wavelength
λD = 525 nm, spectral halfwidth Δλ½ = 35 nm.
4. The 615 nm input irradiance is supplied by a AlInGaP light-emitting diode with the following characteristics: dominant wavelength
λD = 615 nm, spectral halfwidth Δλ½ = 15 nm.
Parameter
Test
Conditions
Red
Channel
Green
Channel
Blue
Channel
Clear Channel
Unit
Min
Max
Min
Max
Min
Max
Min
Typ
Max
Re
Irradiance
responsivity
λD = 465 nm
(2)
0%
15%
10%
42%
65%
88%
11.0
13.8
16.6
counts
/μW
/cm2
λD = 525 nm
(3)
4%
25%
60%
85%
10%
45%
13.2
16.6
20.0
λD = 615 nm
(4)
80%
110%
0%
14%
5%
24%
15.6
19.5
23.4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn