Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCS34723 Datasheet(PDF) 7 Page - ams AG

Part No. TCS34723
Description  Red, Green, Blue (RGB), and Clear Light
Download  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AMSCO [ams AG]
Homepage  http://www.ams.com
Logo 

TCS34723 Datasheet(HTML) 7 Page - ams AG

Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
ams Datasheet
Page 7
[v1-02] 2016-Feb-08
Document Feedback
TCS3472 − Electrical Characteristics
All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or SQC (Statistical
Quality Control) methods.
Figure 6:
Recommended Operating Conditions
Figure 7:
Operating Characteristics, VDD = 3 V, TA = 25ºC (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDD
Supply voltage
TCS34721 and TCS34725
(I²C VBUS = VDD)
2.7
3
3.6
V
TCS34723 and TCS34727
(I²C VBUS = 1.8 V)
2.7
3
3.3
TA
Operating free - air
temperature
-30
70
ºC
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IDD
Supply current
Active
235
330
μA
Wait state
65
Sleep state - no I²C activity
2.5
10
VOL
INT SDA output low voltage
3 mA sink current
0
0.4
V
6 mA sink current
0
0.6
ILEAK
Leakage current, SDA, SCL,
INT pins
-5
5
μA
Leakage current, LDR pin
-5
5
VIH
SCL SDA input high voltage
TCS34721 and TCS34725
0.7 VDD
V
TCS34723 and TCS34727
1.25
VIL
SCL SDA input low voltage
TCS34721 and TCS34725
0.3 VDD
V
TCS34723 and TCS34727
0.54
Electrical Characteristics


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn