Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPSD3234B-40T6T Datasheet(PDF) 6 Page - STMicroelectronics

Part # UPSD3234B-40T6T
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
Download  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3234B-40T6T Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UPSD3234B-40T6T Datasheet HTML 2Page - STMicroelectronics UPSD3234B-40T6T Datasheet HTML 3Page - STMicroelectronics UPSD3234B-40T6T Datasheet HTML 4Page - STMicroelectronics UPSD3234B-40T6T Datasheet HTML 5Page - STMicroelectronics UPSD3234B-40T6T Datasheet HTML 6Page - STMicroelectronics UPSD3234B-40T6T Datasheet HTML 7Page - STMicroelectronics UPSD3234B-40T6T Datasheet HTML 8Page - STMicroelectronics UPSD3234B-40T6T Datasheet HTML 9Page - STMicroelectronics UPSD3234B-40T6T Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 176 page
background image
µPSD323X
6/176
DDC INTERFACE . .... .. . .... .. . .... . ... .. . . . . .... . ... .. . . ... .. . . . . . . ... .. . . ... ... 83
DDC Interface Block Diagram (Figure 40.) . . . ... . . . . . . . . . ... .. .. ... .. . ... .. . . ... .. ... 83
Special Function Register for the DDC Interface. . . . . . . . . . . . . . . . . . . . . .... . ... .. . . ... ... 84
DDC SFR Memory Map (Table 60.) . . . . . . . . . . . . . .... ... . . . . . . . . . . . . . . . . . . . . ... .. . . .84
Description of the DDCON Register Bits (Table 61.). . . . . . . . . . . . . .... . . . ... . . . . . . . . . . . . . 85
SWNEB Bit Function (Table 62.) . .... . ... .. . . .. .... .... .. . . . . . . . . . . . . . ... .. . . . . .... 86
Host Type Detection . . . . . . . . . . .... . ... .. . . . . .... .... .. . .... .. . . . . . . ... .. . . . . .... 87
Host Type Detection (Figure 41.) . . . . . . . . . . . . . . . . ... . . . . . . . . . .... ... . . . . . . . . . . . . . . . 87
DDC1 Protocol. .... .. . .... .. . .... . ... .. . . . . .... . ... .. . . ... .. . . . . . . ... .. . . ... ... 88
Transmission Protocol in the DDC1 Interface (Figure 42.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 88
DDC2B Protocol . . . . . . . . .... . . . . .. . . . . . . . . .... . ... .. .. .. . . . . . . . ... .. .. . . ... .. . . 89
Conceptual Structure of the DDC Interface (Figure 43.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .... 89
USB HARDWARE . . . . . . . . . . . . . . . . . . . .... . . ... .. ... .. .. . . . . . . . . . . . . . . .... . . ... .. ... 90
USB related registers . . . . . . . . . .... . ... .. .. ... ... . . . . . . . . ... .. . . ... . ... . . . . ... ... 90
USB Address Register (UADR: 0EEh) (Table 63.) . . . . . . . .... . ... ... . . . . . . . . ... .. .. ... . 90
Description of the UADR Bits (Table 64.) . . . . . . . . . . . . . . .... .... ... . ... .. . . ... .. . .... . 90
USB Interrupt Enable Register (UIEN: 0E9h) (Table 65.) . . . . . . . . . . . . . . . . . . . . . .... . ... .. .91
Description of the UIEN Bits (Table 66.) . . . . . . . . . . . . . . . .... .... ... . ... .. . . ... .. . .... . 91
USB Interrupt Status Register (UISTA: 0E8h) (Table 67.) . . . . . . . . . .... ... . . . . . . . . . . . . . . . 91
Description of the UISTA Bits (Table 68.) . . . . . . . . . . . . . . .... . . . .... .... .. . .... .. . .... . 92
USB Endpoint0 Transmit Control Register (UCON0: 0EAh) (Table 69.).... . . ... . . . . . ... .... 93
Description of the UCON0 Bits (Table 70.) . . . . . . . .... . . . ... . . . . . . . . . . . . . ... ... . . . .... 93
USB Endpoint1 (and 2) Transmit Control Register (UCON1: 0EBh) (Table 71.). . . . . . . . . . .... . 94
Description of the UCON1 Bits (Table 72.) . . . . . . . .... . . . ... . . . . . . . . . . . . . ... ... . . . .... 94
USB Control Register (UCON2: 0ECh) (Table 73.). .... .... .. . . . . . . . . . . . . . ... .. . . . . .... 95
Description of the UCON2 Bits (Table 74.) . . . . . . . .... . . . ... . . . . . . . . . . . . . ... ... . . . .... 95
USB Endpoint0 Status Register (USTA: 0EDh) (Table 75.) . . . . . . . . . . . . . . . . . . . .... . ... .. .95
Description of the USTA Bits (Table 76.). . . . . ... .. ... .. .. . . . . . . . ... .. .. .... . . ... .. ... 95
USB Endpoint0 Data Receive Register (UDR0: 0EFh) (Table 77.). . . . . . . . . . . . . . . . . . . . . .... 95
USB Endpoint0 Data Transmit Register (UDT0: 0E7h) (Table 78.) . .... . . . . .. . . . . . . . . .... . 95
USB Endpoint1 Data Transmit Register (UDT1: 0E6h) (Table 79.) . .... . . . . .. . . . . . . . . .... . 95
USB SFR Memory Map (Table 80.). . . . . . . . . . . . .... . ... .. .. .. . . . . . . . ... .. .. . . ... .. . . 96
Transceiver . . . . . . . . . . . . . . . . . .... . ... .. . . . . .... .... .. . . . . . . . . . . . . . ... .. . . . . .... 97
Low Speed Driver Signal Waveforms (Figure 44.) . . . . . . . .... .... ... . . . . . . . . ... .. . . ... . 97
Receiver Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .... .... .. . . . . . . . . .... . 98
Differential Input Sensitivity Over Entire Common Mode Range (Figure 45.) . . . . . . . . . . . . . .... 98
External USB Pull-Up Resistor . . .... . ... .. .. ... ... . . . . . . . . ... .. . . ... . ... . . . . ... ... 99
USB Data Signal Timing and Voltage Levels (Figure 46.). . . . . . . . . . . . . . . . . . . . . .... . ... ... 99
Receiver Jitter Tolerance (Figure 47.). . . . . . . . . . . . . . . . . .... . . . .... .... .. . .... .. . .... . 99
Differential to EOP Transition Skew and EOP Width (Figure 48.). . . . . . . . . . . . . . . .... . ... ..100
Differential Data Jitter (Figure 49.) . . . . . . . . . . . . . .... . . . ... . . . . . . . . . . . . . ... ... . . . ...100
Transceiver DC Characteristics (Table 81.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .... . ... ..101
Transceiver AC Characteristics (Table 82.). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 101


Similar Part No. - UPSD3234B-40T6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3234B-40T6T STMICROELECTRONICS-UPSD3234B-40T6T Datasheet
1Mb / 170P
   Flash Programmable System Devices with 8032 Microcontroller Core
UPSD3234B-40T6T STMICROELECTRONICS-UPSD3234B-40T6T Datasheet
79Kb / 8P
   Flash Programmable System Device with 8032 Microcontroller Core
More results

Similar Description - UPSD3234B-40T6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD325X STMICROELECTRONICS-UPSD325X Datasheet
1Mb / 176P
   Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
UPSD3212C STMICROELECTRONICS-UPSD3212C Datasheet
1Mb / 152P
   Flash Programmable System Devices with 8032 Microcontroller Core and 16Kbit SRAM
UPSD3253 STMICROELECTRONICS-UPSD3253 Datasheet
1Mb / 176P
   Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
November 2002
UPSD3234A STMICROELECTRONICS-UPSD3234A Datasheet
1Mb / 170P
   Flash Programmable System Devices with 8032 Microcontroller Core
UPSD3254A STMICROELECTRONICS-UPSD3254A Datasheet
1Mb / 175P
   Flash Programmable System Devices with 8032 Microcontroller Core
UPSD3200 STMICROELECTRONICS-UPSD3200 Datasheet
79Kb / 8P
   Flash Programmable System Device with 8032 Microcontroller Core
UPSD3212A STMICROELECTRONICS-UPSD3212A Datasheet
2Mb / 163P
   Flash Programmable System Devices with 8032 MCU with USB and Programmable Logic
logo
ATMEL Corporation
ATMEGA32L ATMEL-ATMEGA32L_14 Datasheet
5Mb / 346P
   Microcontroller with 32KBytes In-System Programmable Flash
ATMEGA128 ATMEL-ATMEGA128 Datasheet
481Kb / 24P
   Microcontroller with 128KBytes In-System Programmable Flash
Rev. 2467XS-AVR-06/11
ATMEGA329 ATMEL-ATMEGA329_07 Datasheet
6Mb / 392P
   8-bit Microcontroller with In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com