Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1020-15 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1020-15
Description  Programmable 8-Bit Silicon Delay Line
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1020-15 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1020-15 Datasheet HTML 1Page - Dallas Semiconductor DS1020-15 Datasheet HTML 2Page - Dallas Semiconductor DS1020-15 Datasheet HTML 3Page - Dallas Semiconductor DS1020-15 Datasheet HTML 4Page - Dallas Semiconductor DS1020-15 Datasheet HTML 5Page - Dallas Semiconductor DS1020-15 Datasheet HTML 6Page - Dallas Semiconductor DS1020-15 Datasheet HTML 7Page - Dallas Semiconductor DS1020-15 Datasheet HTML 8Page - Dallas Semiconductor DS1020-15 Datasheet HTML 9Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DS1020
5 of 9
DALLAS SEMICONDUCTOR TEST CIRCUIT Figure 4
TEST SETUP DESCRIPTION
Figure 4 illustrates the hardware configuration used for measuring the timing parameters of the DS1020.
The input waveform is produced by a precision pulse generator under software control. Time delays are
measured by a time interval counter (20 ps resolution) connected to the output. The DS1020 serial and
parallel ports are controlled by interfaces to a central computer. All measurements are fully automated
with each instrument controlled by the computer over an IEEE 488 bus.
TEST CONDITIONS
INPUT:
Ambient Temperature:
25
°C ±=3°C
Supply Voltage (VCC):
5.0V
±=0.1V
Input Pulse:
High = 3.0V
±=0.1V
Low = 0.0V
±=0.1V
Source Impedance:
50 ohms max.
Rise and Fall Time:
3.0 ns max.
(measured between
0.6V and 2.4V)
Pulse Width:
500 ns (DS1020–15)
500 ns (DS1020–25)
2
µs (DS1020–50)
4
µs (DS1020–100)
4
µs (DS1020–200)
Period:
1
µs (DS1020–15)
1
µs (DS1020–25)
4
µs (DS1020–50)
8
µs (DS1020–100)
8
µs (DS1020–200)
NOTE: Above conditions are for test only and do not restrict the operation of the device under other data
sheet conditions.
OUTPUT:
Output is loaded with a 74F04. Delay is measured between the 1.5V level of the rising edge of the input
signal and the 1.5V level of the corresponding edge of the output.


Similar Part No. - DS1020-15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1020-15 MAXIM-DS1020-15 Datasheet
196Kb / 9P
   Programmable 8-Bit Silicon Delay Line
111799
More results

Similar Description - DS1020-15

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1021 DALLAS-DS1021 Datasheet
193Kb / 9P
   Programmable 8-Bit Silicon Delay Line
logo
Maxim Integrated Produc...
DS1020S-15 MAXIM-DS1020S-15 Datasheet
196Kb / 9P
   Programmable 8-Bit Silicon Delay Line
111799
logo
Data Delay Devices, Inc...
PDU18F DATADELAY-PDU18F Datasheet
292Kb / 5P
   8-BIT PROGRAMMABLE DELAY LINE
3D7428 DATADELAY-3D7428_06 Datasheet
471Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
logo
List of Unclassifed Man...
3D3428 ETC-3D3428 Datasheet
509Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
logo
Data Delay Devices, Inc...
3D7408 DATADELAY-3D7408 Datasheet
65Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D7428 DATADELAY-3D7428 Datasheet
513Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D3428 DATADELAY-3D3428 Datasheet
516Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7438)
3D3438 DATADELAY-3D3438 Datasheet
101Kb / 6P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7438)
3D7438 DATADELAY-3D7438 Datasheet
101Kb / 6P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7438)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com