Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTV4030-21 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MTV4030-21
Description  Silicon Abrupt Tuning Varactor Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MTV4030-21 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MTV4030-21 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MTV4030-21 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MTV4030-21 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MTV4030-21 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MTV4030-21 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Silicon Abrupt Tuning Varactor Diodes
Rev. V1
MTV4030-x Series
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Low Series Resistance
 High Q
 Extensive Selection of Capacitance Values
 RoHS* Compliant
Description
The MTV4030 Series tuning varactors are silicon
abrupt junction devices. They offer the highest Q
and lowest resistance available in 30 volt tuning
devices.
A unique silicon passivation process assures greater
stability, reliability, and low leakage currents at
higher temperatures.
The MTV4030 Series tuning varactors are used for
both narrow and wide band tuning through X-band.
These devices are used in circuits requiring a high Q
voltage variable capacitance such as tunable filters
and
amplifiers,
voltage
controlled
oscillators,
frequency synthesizers, and continuous phase
shifters. They are also useful as frequency and
phase modulators in communications applications.
* Restrictions on Hazardous Substances, European Union Directive 2011/65/EU.
Electrical Specifications: TC = +25°C
CS37
H20
CS11
CS75
CS85
Part Number
Reverse Voltage
VB
IR = 10 µA
Junction Capacitance1
CJ
VR = 4 V, 1 MHz
Capacitance Ratio
CR
CT0 / CT30
Quality Factor
Q
VR = 4 V, 50 MHz
Minimum
Typical
Minimum
Minimum
MTV4030-01
30
0.4
5
5000
MTV4030-02
30
0.6
5
5000
MTV4030-03
30
0.8
5
4800
MTV4030-04
30
1.0
5
4800
MTV4030-05
30
1.2
5
4600
MTV4030-06
30
1.4
5
4400
MTV4030-07
30
1.6
5
4400
MTV4030-08
30
1.8
5
4200
MTV4030-09
30
2.2
5
4000
MTV4030-10
30
2.7
5
3800
(Continued next page)


Similar Part No. - MTV4030-21

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MTV4045-01 MA-COM-MTV4045-01 Datasheet
673Kb / 6P
   Silicon Abrupt Tuning Varactor Diodes
MTV4045-02 MA-COM-MTV4045-02 Datasheet
673Kb / 6P
   Silicon Abrupt Tuning Varactor Diodes
MTV4045-03 MA-COM-MTV4045-03 Datasheet
673Kb / 6P
   Silicon Abrupt Tuning Varactor Diodes
MTV4045-04 MA-COM-MTV4045-04 Datasheet
673Kb / 6P
   Silicon Abrupt Tuning Varactor Diodes
MTV4045-05 MA-COM-MTV4045-05 Datasheet
673Kb / 6P
   Silicon Abrupt Tuning Varactor Diodes
More results

Similar Description - MTV4030-21

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MTV4045-X MA-COM-MTV4045-X Datasheet
673Kb / 6P
   Silicon Abrupt Tuning Varactor Diodes
MTV4090-X MA-COM-MTV4090-X Datasheet
571Kb / 5P
   Silicon Abrupt Tuning Varactor Diodes
SMV14XX MA-COM-SMV14XX Datasheet
544Kb / 3P
   Silicon Abrupt Tuning Varactor Diodes
MTV4060-X MA-COM-MTV4060-X Datasheet
684Kb / 6P
   Silicon Abrupt Tuning Varactor Diodes
logo
Advanced Semiconductor
PC115A ASI-PC115A Datasheet
20Kb / 1P
   SILICON ABRUPT TUNING VARACTOR
AT6019M ASI-AT6019M Datasheet
16Kb / 1P
   SILICON ABRUPT JUNCTION TUNING VARACTOR
AT6017-10 ASI-AT6017-10 Datasheet
16Kb / 1P
   SILICON ABRUPT JUNCTION TUNING VARACTOR
MA45851 ASI-MA45851 Datasheet
22Kb / 1P
   SILICON ABRUPT TUNING VARACTOR DIODE
MV1863D ASI-MV1863D Datasheet
15Kb / 1P
   SILICON ABRUPT TUNING VARACTOR DIODE
AT9017-10 ASI-AT9017-10 Datasheet
16Kb / 1P
   SILICON ABRUPT JUNCTION TUNING VARACTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com