Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5497 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 5497
Description  Synchronous Modulo-64 Bit Rate Multiplier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

5497 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  5497 Datasheet HTML 1Page - National Semiconductor (TI) 5497 Datasheet HTML 2Page - National Semiconductor (TI) 5497 Datasheet HTML 3Page - National Semiconductor (TI) 5497 Datasheet HTML 4Page - National Semiconductor (TI) 5497 Datasheet HTML 5Page - National Semiconductor (TI) 5497 Datasheet HTML 6Page - National Semiconductor (TI) 5497 Datasheet HTML 7Page - National Semiconductor (TI) 5497 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF9780
June 1989
5497DM7497
Synchronous Modulo-64 Bit Rate Multiplier
General Description
The ’97 contains a synchronous 6-stage binary counter and
six decoding gates that serve to gate the clock through to
the output at a sub-multiple of the input frequency The out-
put pulse rate relative to the clock frequency is determined
by signals applied to the Select (S0 – S5) inputs Both true
and complement outputs are available along with an enable
input for each A Count Enable input and a Terminal Count
output are provided for cascading two or more packages
An asynchronous Master Reset input prevents counting and
resets the counter
Connection Diagram
Dual-In-Line Package
TLF9780 – 1
Order Number 5497DMQB 5497FMQB or DM7497N
See NS Package Number J16A N16E or W16A
Logic Symbol
TLF9780 – 2
VCC e Pin 16
GND e Pin 8
Pin Names
Description
S0 – S5
Rate Select Inputs
EZ
OZ Enable Input (Active LOW)
EY
OY Enable Input
CE
Count Enable Input (Active LOW)
CP
Clock Pulse Input (Active Rising Edge)
MR
Asynchronous Master Reset Input (Active HIGH)
OZ
Gated Clock Output (Active LOW)
Oy
Complement Output (Active HIGH)
TC
Terminal Count Output (Active LOW)
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - 5497

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
549706 FESTO-549706 Datasheet
84Kb / 2P
   Hinge cylinder
549707 FESTO-549707 Datasheet
84Kb / 2P
   Hinge cylinder
549708 FESTO-549708 Datasheet
84Kb / 2P
   Hinge cylinder
549709 FESTO-549709 Datasheet
84Kb / 2P
   Hinge cylinder
549710 FESTO-549710 Datasheet
84Kb / 2P
   Hinge cylinder
More results

Similar Description - 5497

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
54167 FAIRCHILD-54167 Datasheet
297Kb / 6P
   SYNCHRONOUS DECADE RATE MULTIPLIER
logo
Motorola, Inc
MC14527B MOTOROLA-MC14527B Datasheet
249Kb / 8P
   BCD Rate Multiplier
logo
Mitsubishi Electric Sem...
MH8D64AKQC-75 MITSUBISHI-MH8D64AKQC-75 Datasheet
340Kb / 40P
   536,870,912-BIT (8,388,608-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
MH32D64AKQJ-75 MITSUBISHI-MH32D64AKQJ-75 Datasheet
343Kb / 40P
   2,147,483,684-BIT (33,554,432-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
MH16D64AKQC-75 MITSUBISHI-MH16D64AKQC-75 Datasheet
329Kb / 37P
   1,073,741,824-BIT (16,777,216-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
MH32D64KQH-75 MITSUBISHI-MH32D64KQH-75 Datasheet
350Kb / 40P
   2,147,483,648-BIT (33,554,432-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
MH64D64AKQH-75 MITSUBISHI-MH64D64AKQH-75 Datasheet
362Kb / 40P
   4,294,967,296-BIT (67,108,864-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
logo
STMicroelectronics
HCC4089B STMICROELECTRONICS-HCC4089B Datasheet
234Kb / 13P
   BINARY RATE MULTIPLIER
HCF4089B STMICROELECTRONICS-HCF4089B_02 Datasheet
573Kb / 11P
   BINARY RATE MULTIPLIER
logo
NXP Semiconductors
HEF4527B PHILIPS-HEF4527B Datasheet
95Kb / 10P
   BCD rate multiplier
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com